Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 32 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 32 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments UCC28C53_V01 Datasheet HTML 35Page - Texas Instruments UCC28C53_V01 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
f
P1 =
:1 F D;
3
R
L
+ 1 + D
2 × N × R
OUT × COUT
(28)
X
P2 = N × fSW
(29)
f
P2 =
f
SW
2
(30)
9.2.2.10.2 Slope Compensation
Slope compensation is the large signal subharmonic instability that can occur with duty cycles that may extend
beyond 50% where the rising primary side inductor current slope may not match the falling secondary side
current slope. The subharmonic oscillation would result in an increase in the output voltage ripple and may even
limit the power handling capability of the converter.
The target of slope compensation is to achieve an ideal quality coefficient (QP), equal to 1 at half of the switching
frequency. The QP is calculated with Equation 31.
QP =
1
N
× >MC × :1 F D; F 0.5?
(31)
where
• D is the primary side switch duty cycle
• MC is the slope compensation factor, which is defined with Equation 32
M
C =
S
e
S
n
+ 1
(32)
where
• Se is the compensation ramp slope
• Sn is the inductor rising slope
The optimal goal of the slope compensation is to achieve QP = 1; upon rearranging Equation 32 the ideal value
of slope compensation factor is determined:
M
ideal
=
1
N
+ 0.5
1 F D
(33)
For this design to have adequate slope compensation, MC must be 2.193 when D reaches it maximum value of
0.627.
The inductor rising slope (Sn) at the CS pin is calculated with Equation 34.
S
n =
V
INmin
× R
CS
L
P
= 0.038
V
Js
(34)
The compensation slope (Se) is calculated with Equation 35.
S
e = :MC
F 1; × Sn = 44.74
mV
Js
(35)
The compensation slope is added into the system through RRAMP and RCSF. The CRAMP is an AC-coupling
capacitor that allows the voltage ramp of the oscillator to be used without adding an offset to the current sense;
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
32
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com