Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 28 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 28 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 48 page
background image
output ripple. The design of the transformer in this example sizes the inductance so the converter enters CCM
operation at approximately 10% load and minimum bulk voltage to minimize output ripple.
The inductor (LP) for a CCM flyback can be calculated using Equation 11.
L
P =
1
2
×
kVBULK :min;o2 × l
N
PS × VOUT
V
BULK
:min ; + NPS × VOUT p
2
0.1 × P
IN × fSW
(11)
where
• PIN is estimated by dividing the maximum output power (POUT) by the target efficiency (η)
• fSW is the switching frequency of the converter
For the UCC28C42 the switching frequency is equal to the oscillator frequency and is set to 110 kHz. Selecting
fSW to be 110 kHz provides a good compromise between size of magnetics, switching losses, and places
the first harmonic below the 150-kHz lower limit of EN55022. Therefore, the transformer inductance must be
approximately 1.8 mH. A 1.5 mH inductance is chosen as the magnetizing inductance, LP, value for this design.
Based on calculated inductor value and the switching frequency, the current stress of the MOSFET and output
diode can be calculated.
The peak current in the primary-side MOSFET of a CCM flyback can be calculated as shown in Equation 12.
IPK
MOSFET
=
PIN
VBULK :min ; ×
NPS × VOUT
VBULK :min ; + :NPS × VOUT ;
+
nVBULK(min)
2 × Lm
×
NPS × VOUT
VBULK :min ; + :NPS × VOUT ;
fSW
r
(12)
The MOSFET peak current is 1.36 A. The RMS current of the MOSFET is calculated to be 0.97 A as shown in
Equation 13. Therefore, IRFB9N65A is selected to be used as the primary-side switch.
IRM S
MOSFET
=
¨DMAX3
3
×
lVBULK(min)
LP × fSW
p2FFDMAX2×IPKMOSFET ×VBULK(min)
LP × fSW
G+
kD
MAX × IPKMOSFET
2
o
(13)
The output diode peak current is equal to the MOSFET peak current reflected to the secondary side.
I
P K DIODE
= N
PS × IP K MOSFET
= 13.634 A
(14)
The diode average current is equal to the total output current (4 A) combined with a required 60-V rating and
13.6-A peak current requirement, a 48CTQ060-1 is selected for the output diode.
9.2.2.4 Output Capacitor
The total output capacitance is selected based upon the output voltage ripple requirement. In this design, 0.1%
voltage ripple is assumed. Based on the 0.1% ripple requirement, the capacitor value can be selected using
Equation 15.
C
OUT R
I
OUT ×
N
PS × VOUT
V
BULK
:min ; + NPS × VOUT
0.001 × V
OUT × fSW
= 1865 JF
(15)
To design for device tolerances, a 2200-µF capacitor was selected.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
28
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com