Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 17 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 17 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 13Page - Texas Instruments UCC28C53_V01 Datasheet HTML 14Page - Texas Instruments UCC28C53_V01 Datasheet HTML 15Page - Texas Instruments UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
Table 8-2. UVLO Options
MAXIMUM
DUTY CYCLE (%)
UVLO ON
(V)
UVLO OFF
(V)
DEVICE
NUMBER
100
14.5
9
UCCx8C52
100
8.4
7.6
UCCx8C53
100
7
6.6
UCCx8C50
100
18.8
15.5
UCC28C56H
100
18.8
14.5
UCC28C56L
100
16
12.5
UCC28C58
50
14.5
9
UCCx8C54
50
8.4
7.6
UCCx8C55
50
7
6.6
UCCx8C51
50
18.8
15.5
UCC28C57H
50
18.8
14.5
UCC28C57L
50
16
12.5
UCC28C59
During UVLO the IC draws less than 75 µA of supply current. Once crossing the turnon threshold the IC supply
current increases to a maximum of 2mA, typically 1.3 mA. This low start-up current allows the power supply
designer to optimize the selection of the startup resistor value to provide a more efficient design. In applications
where low component cost overrides maximum efficiency, the low run current of 1.3 mA (typical) allows the
control device to run directly through the single resistor to (+) rail, rather than requiring a bootstrap winding on
the power transformer, along with a rectifier. The start and run resistor for this case must also pass enough
current to allow driving the primary switching MOSFET, which may be a few milliamps in small devices.
< 0.075
VOFF
< 2
VON
Operating Voltage (V)
Figure 8-2. UVLO ON and OFF Profile
8.3.3 ±1% Internal Reference Voltage
The BiCMOS internal reference of 2.5 V has an enhanced design, and uses production trim to allow initial
accuracy of ±1% at room temperature and ±2% over the full temperature range. This reference voltage can be
used to eliminate an external reference in applications that do not require the extreme accuracy afforded by the
additional device. This reference voltage is useful for non-isolated DC-DC applications, where the control device
is referenced to the same common as the output. It is also applicable in off-line designs that regulate on the
primary side of the isolation boundary by looking at a primary bias winding, or from a winding on the output
inductor of a buck-derived circuit.
8.3.4 Current Sense and Overcurrent Limit
An external series resistor (RCS) senses the current and converts this current into a voltage that becomes the
input to the CS pin. The CS pin is the noninverting input to the PWM comparator. The device compares the CS
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com