Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 20 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 20 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
VREF
COMP
C
SS
R
SS
2N2907
FB
Z
F
Z
I
To VOUT
+
Figure 8-6. Soft-Start Implementation
The limited charging current of the amplifier into the capacitor translates into a dv/dt limitation on the error
amplifier output. This directly corresponds to some maximum rate of change of primary current in a current mode
controlled system as one of the PWM comparator inputs gradually rises. The values of RSS and CSS must be
selected to bring the COMP pin up at a controlled rate, limiting the peak current supplied by the power stage.
After the soft-start interval is complete, the capacitor continues to charge to VREF, effectively removing the PNP
transistor from the circuit consideration. Soft-start timing offers a different, frequently preferred function in current
mode controlled systems than it does in voltage mode control. In current mode, soft start controls the rising of
the peak switch current. In voltage mode control, soft start gradually widens the duty cycle, regardless of the
primary current or rate of ramp-up.
The purpose of resistor RSS and the diode is to remove the soft-start capacitor from the error amplifier path
during normal operation, after the soft-start period completes and the capacitor charges fully. The optional
diode in parallel with the resistor forces a soft-start period each time the PWM goes through UVLO condition
that forces VREF to go low. Without the diode, the capacitor remains charged during a brief loss of supply or
brown-out, and the device does not emable a soft-start function upon re-application of VDD.
8.3.8 Enable and Disable
There are several ways to enable or disable the UCCx8C5x devices, depending on which type of restart is
required. The two basic techniques use external transistors to either pull the error amplifier output low (< 2 VBE)
or pull the current sense input high (> 1.1 V). Application of the disable signal causes the output of the PWM
comparator to be high. The PWM latch is reset dominant so that the output remains low until the next clock
cycle after the shutdown condition at the COMP or CS pin is removed. Another choice for restart without a
soft-start period is to pull the current sense input above the cycle-by-cycle current limiting threshold. A logic level
P-channel FET from the reference voltage to the current sense input can be used.
COMP
DISABLE
Figure 8-7. Disable Circuit
8.3.9 Slope Compensation
With current mode control, slope compensation is required to stabilize the overall loop with duty cycles
exceeding 50%. Although not required, slope compensation also improves stability in applications using below
a 50% maximum duty cycle. Slope compensation is introduced by injecting a portion of the oscillator waveform
to the actual sensed primary current. The two signals are summed together at the current sense input (CS)
connection at the filter capacitor. To minimize loading on the oscillator, it is best to buffer the timing capacitor
waveform with a small transistor whose collector is connected to the reference voltage.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
20
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com