Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 18 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 18 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 14Page - Texas Instruments UCC28C53_V01 Datasheet HTML 15Page - Texas Instruments UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
input with a signal proportional to the error amplifier output voltage. The gain of the current sense amplifier is
typically 3 V/V. The peak ISENSE current is determined using Equation 2
I
SENSE
=
V
CS
R
CS
(2)
The typical value for VCS is 1 V. A small RC filter (RCSF and CCSF) may be required to suppress switch transients
caused by the reverse recovery of a secondary side diode or equivalent capacitive loading in addition to parasitic
circuit impedances. The time constant of this filter should be considerably less than the switching period of the
converter.
CS
GND
COMP
2 R
R
CCSF
RCSF
RCS
PWM
Comparator
1 V
Error
Amplifier
ISENSE
Copyright © 2016, Texas Instruments Incorporated
Figure 8-3. Current-Sense Circuit Schematic
Cycle-by-cycle pulse width modulation performed at the PWM comparator essentially compares the error
amplifier output to the current sense input. This is not a direct volt-to-volt comparison, as the error amplifier
output network incorporates two diodes in series with a resistive divider network before connecting to the PWM
comparator. The two-diode drop adds an offset voltage that enables zero duty cycle to be achieved with a low
amplifier output. The 2R/R resistive divider facilitates the use of a wider error amplifier output swing that can be
more symmetrically centered on the 2.5-V noninverting input voltage.
The 1-V Zener diode associated with the PWM comparator input from the error amplifier is not an actual diode
in the device design, but an indication that the maximum current sense input amplitude is 1 V (typical). When
this threshold is reached, regardless of the error amplifier output voltage, cycle-by-cycle current limiting occurs,
and the output pulse width is terminated within 35 ns (typical). The minimum value for this current limit threshold
is 0.9 V with a 1.1-V maximum. In addition to the tolerance of this parameter, the accuracy of the current sense
resistor, or current sense circuitry, must be taken into account. It is advised to factor in the worst case of primary
and secondary currents when sizing the ratings and worst-case conditions in all power semiconductors and
magnetic components.
8.3.5 Reduced-Discharge Current Variation
The oscillator design for the UCCx8C5x controllers incorporates a trimmed discharge current to accurately
program maximum duty cycle and operating frequency. In its basic operation, a timing capacitor (CCT) is charged
by a current source, formed by the timing resistor (RRT) connected to the device reference voltage (VREF).
The oscillator design incorporates comparators to monitor the amplitude of the timing capacitor voltage. The
exponentially shaped waveform charges up to a specific amplitude representing the oscillator upper threshold of
3 V. After the controller reaches this level, an internal current sink to ground turns on and the capacitor begins
to discharge. This discharge continues until the oscillator lower threshold has reached 0.7 V at which point the
current sink is turned off. Next, the timing capacitor starts charging again and a new switching cycle begins.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com