Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 40 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 40 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 36Page - Texas Instruments UCC28C53_V01 Datasheet HTML 37Page - Texas Instruments UCC28C53_V01 Datasheet HTML 38Page - Texas Instruments UCC28C53_V01 Datasheet HTML 39Page - Texas Instruments UCC28C53_V01 Datasheet HTML 40Page - Texas Instruments UCC28C53_V01 Datasheet HTML 41Page - Texas Instruments UCC28C53_V01 Datasheet HTML 42Page - Texas Instruments UCC28C53_V01 Datasheet HTML 43Page - Texas Instruments UCC28C53_V01 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 48 page
background image
11.2 Layout Example
TO-220FP Bottom View
VREF
OUT
COMP
CS
FB
RT/CT
VDD
GND
UCCx8C4x
RP
ROPTO
RRT
CCT
CVREF
CCSF
CVDDbp
RRAMP
CRAMP
RG
RCSF
RCS1
RCS2
Track To
Transformer =>
FBead
CCOMPp
RCOMPp
RFBG
Track To
<= %XON &DS Å
MOSFET Heatsink
Aux Cap
S
D
G
CSNUB
RSNUB
CVDD1
CVDD
Track To
<= Bulk Cap +
6
4
1
2
22AWG
Jumper
Wire
22AWG Jumper
Wires
PCB Bottom-side View
K
A
C
E
OPTO-ISOLATOR
Copyright © 2016, Texas Instruments Incorporated
Figure 11-1. UCCx8C4x Layout Example
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com