Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 27 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 27 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments UCC28C53_V01 Datasheet HTML 26Page - Texas Instruments UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
The transformer primary to secondary turns ratio (NPS) can be selected based on the desired MOSFET voltage
rating and the secondary diode voltage rating. Because the maximum input voltage is 265 VRMS, the peak bulk
input voltage can be calculated as shown in Equation 4.
VBULK (max ) = ¾2 × VIN(max ) N 375 V
(4)
To minimize the cost of the system, a readily available 650-V MOSFET is selected. Derating the maximum
voltage stress on the drain to 80% of its rated value and allowing for a leakage inductance voltage spike of up
to 30% of the maximum bulk input voltage, the reflected output voltage must be less than 130 V as shown in
Equation 5.
REFLECTED
DS(rated)
BULK(max)
V
0.8
V
1.3 V
130.2 V
u
u
(5)
The maximum primary to secondary transformer turns ratio (NPS) for a 12 V output can be selected as
N
PS =
V
REFLECTED
V
OUT
= 10.85
(6)
A turns ratio of NPS = 10 is used in the design example.
The auxiliary winding is used to supply bias voltage to the controller. Maintaining the bias voltage above the VDD
minimum operating voltage after turnon is required for stable operation. The minimum VDD operating voltage for
the controller selected for this design is 10 V. The auxiliary winding is selected to support a 12 V bias voltage so
that it is above the minimum operating level but maintains a low level of losses in the IC. The primary to auxiliary
turns ratio (NPA) can be calculated from Equation 7:
N
PA = NPS ×
V
OUT
V
BIAS
= 10
(7)
The output diode experiences a voltage stress that is equal to the output voltage plus the reflected input voltage:
V
DIODE
=
V
BULK
:max ;
N
PS
+ V
OUT = 49.5 V
(8)
TI recommends a Schottky diode with a rated blocking voltage greater than 60 V to allow for voltage spikes due
to ringing. The forward voltage drop (VF) of this diode is estimated to be equal to 0.6 V
To avoid high peak currents, the flyback converter in this design operates in continuous conduction mode. Once
NPS is determined, the maximum duty cycle (DMAX) can be calculated using the transfer function for a CCM
flyback converter:
V
OUT + VF
V
BULK
:min ;
=
l
1
N
PS p
×
l
D
MAX
1
F D
MAX p
(9)
PS
OUT
F
MAX
BULK(min)
PS
OUT
F
N
V
V
D
0.627
V
N
V
V
u
u
(10)
Because the maximum duty cycle exceeds 50%, and the design is an off-line (AC-input) application, the
UCC28C42 is best suited for this application.
9.2.2.3 Transformer Inductance and Peak Currents
For this design example, the transformer magnetizing inductance is selected based upon the CCM condition. An
inductance value that allows the converter to stay in CCM over a wider operating range before transitioning into
discontinuous current mode is used to minimize losses due to otherwise high currents and also to decrease the
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com