Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 31 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 31 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 27Page - Texas Instruments UCC28C53_V01 Datasheet HTML 28Page - Texas Instruments UCC28C53_V01 Datasheet HTML 29Page - Texas Instruments UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments UCC28C53_V01 Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
D =
N
PS × VOUT
V
BULKmin
+
:N
PS × VOUT ;
(20)
R
L
=
2 × L
P × fSW
R
OUT × :NPS ;
2
(21)
M =
V
OUT × NPS
V
BULKmin
(22)
For this design, a converter with an output voltage (VOUT) of 12 V, and 48 W relates to an output load (ROUT)
equal to 3 Ω at full load. With a maximum duty cycle of 0.627, a current sense resistance of 0.75 Ω, and a
primary to secondary turns-ratio of 10, the open-loop gain calculates to 3.082 or 9.776 dB.
A CCM flyback has two zeroes that are of interest. The ESR and the output capacitance contribute a left-half
plane zero (ωESRz) to the power stage, and the frequency of this zero (fESRz), are calculated with Equation 23
and Equation 24.
X
ESRz
=
1
R
ESR × COUT
(23)
f
ESRz =
1
2 × N × R
ESR × COUT
(24)
The fESRz zero for an output capacitance of 2200 µF and a total ESR of 43 mΩ is located at 1.682 kHz.
CCM flyback converters have a zero in the right-half plane (RHP) in their transfer function. A RHP zero has the
same 20 dB per decade rising gain magnitude with increasing frequency just like a left-half plane zero, but it
adds a 90° phase lag instead of lead. This phase lag tends to limit the overall loop bandwidth. The frequency
location (fRHPz) of the RHP zero (ωRHPz) is a function of the output load, the duty cycle, the primary inductance
(LP), and the primary to secondary side turns ratio (NPS).
X
RHPz
=
R
OUT × :1
F D;
2 × :N
PS ;
2
L
P × D
(25)
f
RHPz
=
R
OUT × :1
F D;
2 × :N
PS ;
2
2 × N × L
P × D
(26)
The right-half plane zero frequency increases with higher input voltage and lighter load. Generally, the design
requires consideration of the worst case of the lowest right-half plane zero frequency and the converter must be
compensated at the minimum input and maximum load condition. With a primary inductance of 1.5 mH, at 75-V
DC input, the RHP zero frequency (fRHPz) is equal to 7.07 kHz at maximum duty cycle, full load.
The power stage has one dominate pole (ωP1) which is in the region of interest, located at a lower frequency
(fP1); which is related to the duty cycle, the output load, and the output capacitance, and calculated with Equation
28. There is also a double pole placed at half the switching frequency of the converter (fP2) calculated with
Equation 30. For this example, pole fP1 is located at 40.37 Hz and fP2 is at 55 kHz.
X
P1 =
:1 F D;
3
R
L
+ 1 + D
R
OUT × COUT
(27)
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
31
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com