Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 13 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 13 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 9Page - Texas Instruments UCC28C53_V01 Datasheet HTML 10Page - Texas Instruments UCC28C53_V01 Datasheet HTML 11Page - Texas Instruments UCC28C53_V01 Datasheet HTML 12Page - Texas Instruments UCC28C53_V01 Datasheet HTML 13Page - Texas Instruments UCC28C53_V01 Datasheet HTML 14Page - Texas Instruments UCC28C53_V01 Datasheet HTML 15Page - Texas Instruments UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
8 Detailed Description
8.1 Overview
The UCCx8C5x series of control integrated circuits provide the features necessary to implement AC-DC or
DC
‑to-DC fixed-frequency current-mode control schemes with a minimum number of external components.
Protection circuitry includes undervoltage lockout (UVLO) and current limiting. Internally implemented circuits
include a start-up current of less than 75 µA, a precision reference trimmed for accuracy at the error amplifier
input, logic to ensure latched operation, a pulse-width modulation (PWM) comparator that also provides current-
limit control, and an output stage designed to source or sink high-peak current. The output stage, suitable for
driving N-channel MOSFETs, is low when it is in the OFF state. The oscillator contains a trimmed discharge
current that enables accurate programming of the maximum duty cycle and dead time limit, making this device
suitable for high-speed applications.
Major differences between members of this series are the UVLO thresholds, acceptable ambient temperature
range, maximum duty cycle and frequency. Typical UVLO thresholds of 14.5 V (ON) and 9 V (OFF) on the
UCCx8C52 and UCCx8C54 devices make them ideally suited to off-line AC-DC applications. The corresponding
typical thresholds for the UCCx8C53 and UCCx8C55 devices are 8.4 V (ON) and 7.6 V (OFF), making them
ideal for use with regulated input voltages used in DC-DC applications. The UCCx8C50 and UCCx8C51
feature a start-up threshold of 7 V and a turnoff threshold of 6.6 V (OFF), which makes them suitable for
battery-powered applications. The UCC28C56H/L, UCC28C57H/L, UCC28C58 and UCC28C59 operate with
higher start-up thresholds for them suitably to work with SiC MOSFETs which often being used in high-voltage
and high-power traction inverter applications. The UCC28C56H and UCC28C57H are with a start-up threshold
18.8 V (ON) and 15.5 V (OFF). The UCC28C56L and UCC28C57L are with a start-up threshold 18.8V (ON)
and 14.5 V (OFF). The UCC28C58 and UCC28C59 are with a start-up threshold 16 V (ON) and 12.5 V
(OFF). The UCCx8C50, UCCx8C52, UCCx8C53, UCC28C56H/L and UCC28C58 devices operate to duty cycles
approaching 100%. The UCCx8C51, UCCx8C54, UCCx8C55, UCC28C57H/L and UCC28C59 obtain a duty
cycle from 0% to 50% by the addition of an internal toggle flip-flop, which blanks the output off every other
clock cycle. The UCC28C5x series is specified for operation from –40°C to 125°C, and the UCC38C5x series
is specified for operation from 0°C to 85°C. The switching frequency (fSW) of the UCCx8C50, UCCx8C52,
UCCx8C53, UCC28C56H/L and UCC28C58 gate drive is equal to fOSC; the switching frequency of the
UCCx8C51, UCCx8C54, UCCx8C55, UCC28C57H/L and UCC28C59 is equal to half of the fOSC.
The UCC28C5x and UCC38C5x series are an enhanced replacement with pin-to-pin compatibility to the
BiCMOS UCCx8C4x, and to the bipolar UC284x, UC384x, UC284xA, and UC384xA families. The new series
offers improved performance when compared to older bipolar devices and other competitive BiCMOS devices
with similar functionality. These improvements generally consist of tighter specification limits that are a subset
of the older product ratings, maintaining drop-in capability. In new designs, these improvements can reduce the
component count or enhance circuit performance when compared to the previously available devices.
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com