Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 1 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 1 Page - Texas Instruments

  UCC28C53_V01 Datasheet HTML 1Page - Texas Instruments UCC28C53_V01 Datasheet HTML 2Page - Texas Instruments UCC28C53_V01 Datasheet HTML 3Page - Texas Instruments UCC28C53_V01 Datasheet HTML 4Page - Texas Instruments UCC28C53_V01 Datasheet HTML 5Page - Texas Instruments UCC28C53_V01 Datasheet HTML 6Page - Texas Instruments UCC28C53_V01 Datasheet HTML 7Page - Texas Instruments UCC28C53_V01 Datasheet HTML 8Page - Texas Instruments UCC28C53_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
1 Features
• 28-V VDD recommended max operating ratings
• New undervoltage lockout options to support both
Si and SiC MOSFET applications
• Operating frequency: 1 MHz
• 50-μA Standby Current, 75-μA Maximum
• Low operating current: 1.3 mA (@ fOSC = 52 kHz)
• Fast, cycle-by-cycle overcurrent limiting: 35-ns
• Peak driving current: ±1-A. Rail-to-rail output:
– 25-ns rise time
– 20-ns fall time
• Initial trimmed 2.5-V error amplifier reference: ±1%
• Pin-to-pin compatible to UCCx8C4x and drop-in
substitution
2 Applications
• General purpose single-ended DC-DC or off-line
isolated power converters
• Aux power supply in polyphase motor drives and
energy storage systems
• Flyback power supplies in solar power inverters
3 Description
The UCCx8C5x family are high-performance, current-
mode PWM controllers with low startup current.
The UCCx8C5x is an enhanced BiCMOS version
with pin-for-pin compatibility to the industry standard
UCCx8C4x family. With the VDD absolute maximum
rating extended from 20 V to 30 V for optimal
gate voltage design on 20-Vgs, 18-Vgs or 15-Vgs
SiC MOSFETs by the introduction of UCC28C56H/L,
UCC28C57H/L and UCC28C58/9, three new sets of
UVLO options allow SiC FET operating reliably while
avoiding thermal runaway. Existing UVLO options of
UCCx8C4x are maintained with improvements on
startup current, operating current and VDD absolute
maximum rating.
The UCC28C5x series is specified for operation
from –40°C to 125°C, and the UCC38C5x series is
specified for operation from 0°C to 85°C.
The table below compares the improvements from
UCCx8C5x to UCCx8C4x.
Device Comparison
PARAMETER
UCCx8C4x
UCCx8C5x
Supply current at 52 kHz
2.3 mA
1.3 mA
Startup current (max)
100 µA
75 µA
VDD abs max
20 V
30 V
UVLO and DMAX for Si FET
6 options
6 options
UVLO and DMAX for SiC FET
none
6 options
Smallest package option
VSSOP (8)
VSSOP (8)
The UCCx8C5x family is offered in 8-pin VSSOP
(DGK), and 8-pin SOIC (D) packages.
Device Information
PART NUMBER
PACKAGE(1)
BODY SIZE (NOM)
UCC28C50(2), UCC28C51(2)
UCC28C52(2), UCC28C53
UCC28C54, UCC28C55
UCC38C50(2), UCC38C51(2)
UCC38C52(2), UCC38C53(2)
UCC38C54(2), UCC38C55(2)
SOIC (8)
3.91 mm × 4.90 mm
VSSOP (8)
3.00 mm × 3.00 mm
UCC28C56H,
UCC28C56L(2)
UCC28C57H, UCC28C57L
UCC28C58(2), UCC28C59
SOIC (8)
3.91 mm × 4.90 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
(2)
Marketing status for this device is PREVIEW.
.
.
.
.
VDD
VREF
GND
FB
CS
OUT
RT/CT
COMP
VIN
VOUT
Simplified Application
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. ADVANCE INFORMATION for preproduction products; subject to change
without notice.


Similar Part No. - UCC28C53_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C53-Q1 TI-UCC28C53-Q1 Datasheet
3Mb / 52P
UCC28C5x-Q1 Automotive BiCMOS Low-Power Current-Mode PWM Controllers for Si and SiC MOSFETs
JUNE 2022
UCC28C53-Q1 TI-UCC28C53-Q1 Datasheet
3Mb / 51P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED NOVEMBER 2022
UCC28C53-Q1 TI1-UCC28C53-Q1 Datasheet
3Mb / 53P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
UCC28C53-Q1 TI-UCC28C53-Q1 Datasheet
3Mb / 56P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED FEBRUARY 2023
UCC28C53-Q1 TI-UCC28C53-Q1 Datasheet
3Mb / 56P
UCCx8C5x Low-Power Current-Mode High-Performance PWM Controller for Si and SiC MOSFETs
REVISED MARCH 2023
More results

Similar Description - UCC28C53_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UCC28C40 TI-UCC28C40 Datasheet
296Kb / 19P
BICMOS LOW POWER CURRENT MODE PWM CONTROLLER
UCC2800-Q1 TI-UCC2800-Q1 Datasheet
385Kb / 14P
LOW-POWER BICMOS CURRENT-MODE PWM
logo
List of Unclassifed Man...
B38C42 ETC1-B38C42 Datasheet
215Kb / 5P
BiCMOS Current Mode PWM Controller
logo
Texas Instruments
UCC28C40 TI-UCC28C40_11 Datasheet
759Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C43DGKR TI1-UCC28C43DGKR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C45DR TI1-UCC28C45DR Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C40 TI1-UCC28C40_12 Datasheet
894Kb / 32P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC1800-DIE TI1-UCC1800-DIE Datasheet
93Kb / 5P
LOW-POWER BiCMOS CURRENT-MODE PWM
UCC28C40 TI1-UCC28C40_14 Datasheet
1Mb / 34P
BiCMOS LOW-POWER CURRENT-MODE PWM CONTROLLER
UCC28C53 TI-UCC28C53 Datasheet
3Mb / 47P
UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
JUNE 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com