Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 3 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 3 Page - Texas Instruments

  UCC28C53_V01 Datasheet HTML 1Page - Texas Instruments UCC28C53_V01 Datasheet HTML 2Page - Texas Instruments UCC28C53_V01 Datasheet HTML 3Page - Texas Instruments UCC28C53_V01 Datasheet HTML 4Page - Texas Instruments UCC28C53_V01 Datasheet HTML 5Page - Texas Instruments UCC28C53_V01 Datasheet HTML 6Page - Texas Instruments UCC28C53_V01 Datasheet HTML 7Page - Texas Instruments UCC28C53_V01 Datasheet HTML 8Page - Texas Instruments UCC28C53_V01 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
5 Device Comparison Table
UVLO
Junction
Temperature (TJ)
(°C)
Maximum
duty cycle
Turn on at 14.5 V
Turn off at 9 V
for off-line applications
Turn on at 8.4 V
Turn off at 7.6 V
for dc/dc applications
Turn on at 7 V
Turn off at 6.6 V
for battery applications
UCC28C52
UCC28C53
UCC28C50
–40 to 125
100%
UCC38C52
UCC38C53
UCC38C50
0 to 85
UCC28C54
UCC28C55
UCC28C51
–40 to 125
50%
UCC38C54
UCC38C55
UCC38C51
0 to 85
UVLO
Junction
Temperature (TJ)
(°C)
Maximum
duty cycle
Turn on at 18.8 V
Turn off at 15.5 V
Suitable for HV applications
using GEN-I SiC MOSFET
Turn on at 18.8 V
Turn off at 14.5 V
Suitable for HV applications
using GEN-II SiC MOSFET
Turn on at 16 V
Turn off at 12.5 V
Suitable for HV applications
using GEN-III SiC MOSFET
UCC28C56H
UCC28C56L
UCC28C58
–40 to 125
100%
UCC28C57H
UCC38C57L
UCC28C59
–40 to 125
50%
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com