Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 14 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 14 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 10Page - Texas Instruments UCC28C53_V01 Datasheet HTML 11Page - Texas Instruments UCC28C53_V01 Datasheet HTML 12Page - Texas Instruments UCC28C53_V01 Datasheet HTML 13Page - Texas Instruments UCC28C53_V01 Datasheet HTML 14Page - Texas Instruments UCC28C53_V01 Datasheet HTML 15Page - Texas Instruments UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
8.2 Functional Block Diagram
VREF
EN
VREF Good
Logic
UVLO
Osc
S
R
PWM
Latch
R
1 V
+
E/A
VDD
RT/CT
FB
COMP
CS
PWM
Comparator
VREF
OUT
GND
2R
T
2. 5 V
( NOTE)
5 V
Copyright © 2016, Texas Instruments Incorporated
Toggle flip-flop used only in UCCx8C51, UCCx8C54, UCCx8C55, UCC28C57H/L, and UCC28C59
8.3 Feature Description
The BiCMOS design allows operation at high frequencies that were not feasible in the predecessor bipolar
devices. First, the output stage has been redesigned to drive the external power switch in approximately half
the time of the earlier devices. Second, the internal oscillator is more robust, with less variation as frequency
increases. This faster oscillator makes this device suitable for high speed applications and the trimmed
discharge current enables precise programming of the maximum duty cycle and dead-time limit. In addition,
the current sense to output delay is kept the same 45 ns (typical) as UCCx8C4x. Such a delay time in the
current sense results in superior overload protection at the power switch. The reduced start-up current of this
device minimizes steady state power dissipation in the startup resistor, and the low operating current maximizes
efficiency while running, increasing the total circuit efficiency, whether operating off-line, DC input, or battery
operated circuits. These features combine to provide a device capable of reliable, high-frequency operation.
Table 8-1. Improved Key Parameters
PARAMETER
UCCx8C4x
UCCx8C5x
Supply current at 52 kHz
2.3 mA
1.3 mA
Start-up current, maximum
100 µA
75 µA
VVDD absolute maximum
20 V
30 V
Reference voltage accuracy
± 1%
± 1%
UVLO and Dmax for Si FETs
6 options
6 options
UVLO and Dmax for SiC FETs
No options
6 options
Smallest package option
VSSOP (8)
VSSOP (8)
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
14
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com