Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 21 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 21 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments UCC28C53_V01 Datasheet HTML 21Page - Texas Instruments UCC28C53_V01 Datasheet HTML 22Page - Texas Instruments UCC28C53_V01 Datasheet HTML 23Page - Texas Instruments UCC28C53_V01 Datasheet HTML 24Page - Texas Instruments UCC28C53_V01 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
CCT
VREF
RT/CT
CS
0.1 µF
RRT
RRAMP
CCSF
RCSF
RCS
ISENSE
Copyright © 2016, Texas Instruments Incorporated
Figure 8-8. Slope Compensation Circuit
8.3.10 Voltage Mode
In certain applications, voltage mode control may be a preferred control strategy for a variety of reasons. Voltage
mode control is easily executable with any current mode controller, especially the UCCx8C5x family members.
Implementation requires generating a 0-V to 0.9-V sawtooth shaped signal to input to the current sense pin
(CS) which is also one input to the PWM comparator. This is compared to the divided down error amplifier
output voltage at the other input of the PWM comparator. As the error amplifier output is varied, it intersects the
sawtooth waveform at different points in time, thereby generating different pulse widths. This is a straightforward
method of linearly generating a pulse whose width is proportional to the error voltage.
Implementation of voltage mode control is possible by using a fraction of the oscillator timing capacitor
(CCT) waveform. This value can be divided down and fed to the current sense pin as shown in Figure 8-9.
The oscillator timing components must be selected to approximate as close to a linear sawtooth waveform
as possible. Although exponentially charged, large values of timing resistance and small values of timing
capacitance help approximate a more linear shaped waveform. A small transistor is used to buffer the oscillator
timing components from the loading of the resistive divider network. Due to the offset of the oscillator’s lower
timing threshold, a DC blocking capacitor is added.
VREF
RT/CT
R
RT
C
CT
CS
2N2222
Figure 8-9. Current Mode PWM Used as a Voltage Mode PWM
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
21
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com