Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 16 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 16 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 12Page - Texas Instruments UCC28C53_V01 Datasheet HTML 13Page - Texas Instruments UCC28C53_V01 Datasheet HTML 14Page - Texas Instruments UCC28C53_V01 Datasheet HTML 15Page - Texas Instruments UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments UCC28C53_V01 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 48 page
background image
device damage is likely if otherwise. Because of this limitation, the UCCx8C5x devices match the predecessor
bipolar devices, which could survive up to 30 V on the input bias pin. Because no internal clamp is included
in the device, the VDD pin must be protected from external sources which could exceed the 30 V level. If
containing the start-up and bootstrap supply voltage from the auxiliary winding NA below 30 V under all line
and load conditions can not be achieved, use a zener protection diode from VDD to GND. Depending on the
impedance and arrangement of the bootstrap supply, this may require adding a resistor, RVDD, in series with the
auxiliary winding to limit the current into the zener as shown in Figure 8-1. Ensure that over all tolerances and
temperatures, the minimum zener voltage is higher than the highest UVLO upper turn-on threshold. To prevent
noise related problems, filter VDD with a ceramic bypass capacitor to GND. The VDD pin must be decoupled as
close to the GND pin as possible.
RSTART
CVCC
VDD
OUT
GND
CVDDbp
0.1 PF
DBIAS
RCS
NP
NA
NS
RVDD
To
Input
DZCLAMP
Figure 8-1. VDD Protection
Although quiescent VDD current is only 75 µA, the total supply current is higher, depending on the OUT current.
Total VDD current is the sum of quiescent VDD current and the average OUT current. Knowing the operating
frequency and the MOSFET gate charge (Qg), average OUT current can be calculated from Equation 1.
IOUT = Qg × fSW
(1)
8.3.1.8 VREF
VREF is the voltage reference for the error amplifier and also for many other internal circuits in the IC. The
5-V reference tolerance is ±1% for the UCCx8C5x family. The high-speed switching logic uses VREF as the
logic power supply. The reference voltage is divided down internally to 2.5 V ±1% and connected to the error
amplifier's noninverting input for accurate output voltage regulation. The reference voltage sets the internal
bias currents and thresholds for functions such as the oscillator upper and lower thresholds along with the
overcurrent limiting threshold. The output short-circuit current is 55 mA (maximum). To avoid device over-heating
and damage, do not pull VREF to ground as a means to terminate switching. For reference stability and to
prevent noise problems with high-speed switching transients, bypass VREF to GND with a ceramic capacitor
close to the IC package. A ceramic capacitor with a minimum value of 0.1 µF is required. Additional VREF
bypassing is required for external loads on the reference. An electrolytic capacitor may also be used in addition
to the ceramic capacitor.
8.3.2 Undervoltage Lockout
Six sets of UVLO thresholds are available with turn-on and turnoff thresholds of: (14.5 V and 9 V), (8.4 V and
7.6 V), (7 V and 6.6 V), (18.8 V and 15.5 V), (18.8 V and 14.5V) and (16 V and 12.5V), respectively. The first
set is primarily intended for off-line and 48-V distributed power applications, where the wider hysteresis allows
for lower frequency operation and longer soft-starting time of the converter. The second group of UVLO options
is ideal for high frequency DC-DC converters typically running from a 12-VDC input. The third, and newest, set
has been added to address battery powered and portable applications. Table 8-2 shows the maximum duty cycle
and UVLO thresholds by device.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
16
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com