Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 15 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 15 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 11Page - Texas Instruments UCC28C53_V01 Datasheet HTML 12Page - Texas Instruments UCC28C53_V01 Datasheet HTML 13Page - Texas Instruments UCC28C53_V01 Datasheet HTML 14Page - Texas Instruments UCC28C53_V01 Datasheet HTML 15Page - Texas Instruments UCC28C53_V01 Datasheet HTML 16Page - Texas Instruments UCC28C53_V01 Datasheet HTML 17Page - Texas Instruments UCC28C53_V01 Datasheet HTML 18Page - Texas Instruments UCC28C53_V01 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 48 page
background image
8.3.1 Detailed Pin Description
8.3.1.1 COMP
The error amplifier in the UCCx8C5x family has a unity-gain bandwidth of 1 MHz. The COMP terminal can both
source and sink current. The error amplifier is internally current-limited, so that one can command zero duty
cycle by externally forcing COMP to GND.
8.3.1.2 FB
FB is the inverting input of the error amplifier. The noninverting input to the error amplifier is internally trimmed to
2.5 V ± 1%. FB is used to control the power converter voltage-feedback loop for stability. For best stability, keep
FB lead length as short as possible and FB stray capacitance as small as possible.
8.3.1.3 CS
The UCCx8C5x current sense input connects directly to the PWM comparator. Connect CS to the MOSFET
source current sense resistor. The PWM uses this signal to terminate the OUT switch conduction. A voltage
ramp can be applied to this pin to run the device with a voltage mode control configuration or to add slope
compensation. To prevent false triggering due to leading edge noises, an RC current sense filter may be
required. The gain of the current sense amplifier is typically 3 V/V.
8.3.1.4 RT/CT
The internal oscillator uses a timing capacitor (CCT) and a timing resistor (RRT) to program the oscillator
frequency and maximum duty cycle. The operating frequency can be programmed based the curves in Figure
7-1, where the timing resistor can be found once the timing capacitor is selected. It is best for the timing
capacitor to have a flat temperature coefficient, typical of most COG or NPO type capacitors. For this converter,
15.4 kΩ and 1000 pF were selected for RRT and CCT to operate at 110-kHz switching.
8.3.1.5 GND
GND is the signal and power returning ground. TI recommends separating the signal return path and the high
current gate driver path so that the signal is not affected by the switching current.
8.3.1.6 OUT
The high-current output stage of the UCCx8C5x to drive the external power switch has been kept the same as
the earlier devices UCC28C4x. To drive a power MOSFET directly, the totem-pole OUT driver sinks or source
up to 1 A peak of current. The OUT of the UCCx8C50, UCCx8C52, UCCx8C53 UCC28C56H/L and UCC28C58
devices switch at the same frequency as the oscillator and can operate near 100% duty cycle. In the UCCx8C51,
UCCx8C54, and UCCx8C55, UCC28C57H/L and UCC28C59, the switching frequency of OUT is one-half that
of the oscillator due to an internal T flip-flop. This limits the maximum duty cycle in the UCCx8C51, UCCx8C54,
and UCCx8C55, UCC28C57H/L and UCC28C59 to < 50%.
The UCCx8C5x family houses unique totem pole drivers exhibiting a 10-Ω impedance to the upper rail and a
5.5
‑Ω impedance to ground, typically. This reduced impedance on the low-side switch helps minimize turn-off
losses at the power MOSFET, whereas the higher turnon impedance of the high-side is intended to better match
the reverse recovery characteristics of many high-speed output rectifiers. Transition times, rising and falling
edges, are typically 25 nanoseconds and 20 nanoseconds, respectively, for a 10% to 90% change in voltage.
A low impedance MOS structure in parallel with a bipolar transistor, or BiCMOS construction, comprises the
totem-pole output structure. This more efficient utilization of silicon delivers the high peak current required along
with sharp transitions and full rail-to-rail voltage swings. Furthermore, the output stage is self-biasing, active
low during under-voltage lockout type. With no VDD supply voltage present, the output actively pulls low if
an attempt is made to pull the output high. This condition frequently occurs at initial power-up with a power
MOSFET as the driver load.
8.3.1.7 VDD
VDD is the power input connection for this device. In normal operation, power VDD through a current limiting
resistor. The absolute maximum supply voltage is 30 V (extended from 20 V of UCCx8C4x) to facilitate designs
and applications. The voltage level of 30 V, including any transients that may be present, cannot be exceeded,
www.ti.com
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
15
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com