Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UCC28C53 Datasheet(PDF) 34 Page - Texas Instruments

Part # UCC28C53
Description  UCCx8C5x BiCMOS Low-Power Current-Mode PWM Controller
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

UCC28C53 Datasheet(HTML) 34 Page - Texas Instruments

Back Button UCC28C53_V01 Datasheet HTML 30Page - Texas Instruments UCC28C53_V01 Datasheet HTML 31Page - Texas Instruments UCC28C53_V01 Datasheet HTML 32Page - Texas Instruments UCC28C53_V01 Datasheet HTML 33Page - Texas Instruments UCC28C53_V01 Datasheet HTML 34Page - Texas Instruments UCC28C53_V01 Datasheet HTML 35Page - Texas Instruments UCC28C53_V01 Datasheet HTML 36Page - Texas Instruments UCC28C53_V01 Datasheet HTML 37Page - Texas Instruments UCC28C53_V01 Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 48 page
background image
9.2.2.10.4 Compensation Loop
The design of the compensation loop involves selecting the appropriate components so that the required gain,
poles, and zeros can be designed to result in a stable system over the entire operating range. There are three
distinct portions of the loop: the TL431, the opto-coupler, and the error amplifier. Each of these stages combines
with the power stage to result in a stable robust system.
For good transient response, the bandwidth of the finalized design must be as large as possible. The bandwidth
of a CCM flyback, fBW, is limited to ¼ of the RHP zero frequency, or approximately 1.77 kHz using Equation 41.
f
BW =
f
RHPz
4
(41)
The gain of the open-loop power stage at fBW can be calculated using Equation 40 or can be observed on the
Bode plot (Figure 9-4) and is equal to –19.55 dB and the phase at fBW is equal to –58°.
The secondary side portion of the compensation loop begins with establishing the regulated steady state output
voltage. To set the regulated output voltage, a TL431 adjustable precision shunt regulator is ideally suited for
use on the secondary side of isolated converters due to its accurate voltage reference and internal op-amp.
The resistors used in the divider from the output terminals of the converter to the TL431 REF pin are selected
based upon the desired power consumption. Because the REF input current for the TL431 is only 2 µA, selecting
the resistors for a divider current (IFB_REF) of 1 mA results in minimal error. The top divider resistor (RFBU) is
calculated:
RFBU =
VOUT F REFTL431
IFB _REF
(42)
The TL431 reference voltage (REFTL431) has a typical value of 2.495 V. A 9.53-kΩ resistor is chosen for RFBU. To
set the output voltage to 12 V, 2.49 kΩ is used for RFBB.
R
FBB =
REF
TL431
V
OUT
F REFTL431
× R
FBU
(43)
For good phase margin, a compensator zero (fCOMPz) is required and should be placed at 1/10th the desired
bandwidth:
f
COMPz
=
f
BW
10
(44)
X
COMPz
= 2 × N × f
COMPz
(45)
With this converter, fCOMPz should be set at approximately 177 Hz. A series resistor (RCOMPz) and capacitor
(CCOMPz) placed across the TL431 cathode to REF sets the compensator zero location. Setting CCOMPz to
0.01 µF, RCOMPz is calculated:
R
COMPz
=
1
X
COMPz
× C
COMPz
(46)
Using a standard value of 88.7 kΩ for RZ and a 0.01 µF for CZ results in a zero placed at 179 Hz.
In Figure 9-3, RTLbias provides cathode current to the TL431 from the regulated voltage provided from the Zener
diode (DREG). For robust performance, 10 mA is provided to bias the TL431 by way of the 10-V Zener and a
1-kΩ resistor is used for RTLbias.
The gain of the TL431 portion of the compensation loop is calculated with Equation 47.
UCC28C53, UCC28C54, UCC28C55
UCC28C56H, UCC28C57H, UCC28C57L, UCC28C59
SLUSER8 – JUNE 2022
www.ti.com
34
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: UCC28C53 UCC28C54 UCC28C55 UCC28C56H UCC28C57H UCC28C57L UCC28C59



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com