Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 104 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 104 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 100Page - Cirrus Logic CS43131 Datasheet HTML 101Page - Cirrus Logic CS43131 Datasheet HTML 102Page - Cirrus Logic CS43131 Datasheet HTML 103Page - Cirrus Logic CS43131 Datasheet HTML 104Page - Cirrus Logic CS43131 Datasheet HTML 105Page - Cirrus Logic CS43131 Datasheet HTML 106Page - Cirrus Logic CS43131 Datasheet HTML 107Page - Cirrus Logic CS43131 Datasheet HTML 108Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 156 page
background image
104
DS1155F1
CS43131
5.14 Headphone Load Measurement
Ex. 5-20 demonstrates measuring both AC and DC impedance for both channels of the CS43131.
Example 5-20. AC and DC Impedance Measurement
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION
1
Read Interrupt Status 4 register (0xF0003) to clear sticky bits.
2
Enable HP Load Interrupts
Interrupt Mask 4. 0xF0013
0x00
HPLOAD_NO_DC_INT_MASK
HPLOAD_UNPLUG_INT_MASK
HPLOAD_HPON_INT_MASK
HPLOAD_OOR_INT_MASK
HPLOAD_AC_DONE_INT_MASK
HPLOAD_DC_DONE_INT_MASK
HPLOAD_OFF_INT_MASK
HPLOAD_ON_INT_MASK
0
0
0
0
0
0
0
0
Enable HPLOAD_NO_DC interrupt
Enable HPLOAD_UNPLUG interrupt
Enable HPLOAD_HPON interrupt
Enable HPLOAD_OOR interrupt
Enable HPLOAD_AC_DONE interrupt
Enable HPLOAD_DC_DONE interrupt
Enable HPLOAD_OFF interrupt
Enable HPLOAD_ON interrupt
3
Select Channel A
HP Load 1. 0xE0000
0x00
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
0
00
0
00
0
0
HPOUTA selected
4
Enable impedance subsystem
HP Load 1. 0xE0000
0x80
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
0
00
0
0
Enable impedance subsystem
5
Wait for interrupt. Check if HPLOAD_ON_INT = 1 in Interrupt Status 4 register (0xF0003)
6
Start DC impedance measurement
HP Load 1. 0xE0000
0x81
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
0
00
0
1
Start DC impedance measurement
7
Wait for interrupt. Read Interrupt Status 4 register (0xF0003). If HPLOAD_UNPLUG_INT = 1, go to the last step as an error has occurred. If
HPLOAD_OOR_INT = 1, go to the last step as an error has occurred. Otherwise, if HPLOAD_DC_DONE_INT = 1, go to the next step.
8
DC impedance values are available in HP DC Load Status 0 (0xE000D) and HP DC Load Status 1 (0xE000E) registers.
9
Set HP load measurement frequency to
desired frequency. Assuming 1 kHz.
HP Load Measurement 1. 0xE0003
0xA8
HPLOAD_MEAS_FREQ_LSB
0xA8
Set measurement frequency = 1 kHz
HP Load Measurement 2. 0xE0004
0x00
HPLOAD_MEAS_FREQ_MSB
0x00
MSB of load measurement frequency
10
Start AC impedance measurement
HP Load 1. 0xE0000
0x82
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
0
00
1
0
Start AC impedance measurement
11
Wait for interrupt. Read Interrupt Status 4 register (0xF0003). If HPLOAD_UNPLUG_INT = 1, go to the last step as an error has occurred. If
HPLOAD_OOR_INT = 1, go to the last step as an error has occurred. Otherwise, if HPLOAD_AC_DONE_INT = 1, go to the next step.
12
AC impedance values are available in HP AC Load Status 0 (0xE0010) and HP AC Load Status 1 (0xE0011) registers.
13
Stop AC impedance measurement.
HP Load 1. 0xE0000
0x80
14
If another frequency point is desired, go back to step 9. Otherwise continue.
15
Disable impedance measurement
subsystem and select channel B
HP Load 1. 0xE0000
0x10
16
Wait for interrupt. Read Interrupt Status 4 register (0xF0003). Check for HPLOAD_OFF_INT = 1. If Channel B measurement is desired, continue
to the next step; otherwise go to step 30 to end the impedance measurement.
17
Enable impedance subsystem
HP Load 1. 0xE0000
0x90
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
1
00
0
0
Enable impedance subsystem
HPOUTB selected
18
Wait for interrupt. Check if HPLOAD_ON_INT = 1 in Interrupt Status 4 register (0xF0003)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com