Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 105 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 105 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 101Page - Cirrus Logic CS43131 Datasheet HTML 102Page - Cirrus Logic CS43131 Datasheet HTML 103Page - Cirrus Logic CS43131 Datasheet HTML 104Page - Cirrus Logic CS43131 Datasheet HTML 105Page - Cirrus Logic CS43131 Datasheet HTML 106Page - Cirrus Logic CS43131 Datasheet HTML 107Page - Cirrus Logic CS43131 Datasheet HTML 108Page - Cirrus Logic CS43131 Datasheet HTML 109Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 156 page
background image
DS1155F1
105
CS43131
5.14 Headphone Load Measurement
19
Start DC impedance measurement
HP Load 1. 0xE0000
0x91
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
1
00
0
1
HPOUTB selected
Start DC impedance measurement
20
Wait for interrupt. Read Interrupt Status 4 register (0xF0003). If HPLOAD_UNPLUG_INT = 1, go to the last step as an error has occurred. If
HPLOAD_OOR_INT = 1, go to the last step as an error has occurred. Otherwise, if HPLOAD_DC_DONE_INT = 1, go to the next step.
21
DC impedance values are available in HP DC Load Status 0 (0xE000D) and HP DC Load Status 1 (0xE000E) registers.
22
Set HP load measurement frequency to
desired frequency. Assuming 1 kHz.
HP Load Measurement 1. 0xE0003
0xA8
HPLOAD_MEAS_FREQ_LSB
0xA8
Set measurement frequency = 1 kHz
HP Load Measurement 2. 0xE0004
0x00
HPLOAD_MEAS_FREQ_MSB
0x00
MSB of load measurement frequency
23
Start AC impedance measurement
HP Load 1. 0xE0000
0x92
HPLOAD_EN
Reserved
HPLOAD_CHN_SEL
Reserved
HPLOAD_AC_START
HPLOAD_DC_START
1
00
1
00
1
0
HPOUTB selected
Start AC impedance measurement
24
Wait for interrupt. Read Interrupt Status 4 register (0xF0003). If HPLOAD_UNPLUG_INT = 1, go to the last step as an error has occurred. If
HPLOAD_OOR_INT = 1, go to the last step as an error has occurred. Otherwise, if HPLOAD_AC_DONE_INT = 1, go to the next step.
25
AC impedance values are available in HP AC Load Status 0 (0xE0010) and HP AC Load Status 1 (0xE0011) registers.
26
Stop AC impedance measurement.
HP Load 1. 0xE0000
0x90
27
If another frequency point is desired go back to step 22. Otherwise continue.
28
Disable impedance measurement
subsystem and select channel B
HP Load 1. 0xE0000
0x00
29
Wait for interrupt. Check if HPLOAD_OFF_INT = 1 in Interrupt Status 4 register (0xF0003).
30
Disable HP Load Interrupts
Interrupt Mask 4. 0xF0013
0xFF
Example 5-20. AC and DC Impedance Measurement (Cont.)
STEP
TASK
REGISTER/BIT FIELDS
VALUE
DESCRIPTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com