Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 111 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 111 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 107Page - Cirrus Logic CS43131 Datasheet HTML 108Page - Cirrus Logic CS43131 Datasheet HTML 109Page - Cirrus Logic CS43131 Datasheet HTML 110Page - Cirrus Logic CS43131 Datasheet HTML 111Page - Cirrus Logic CS43131 Datasheet HTML 112Page - Cirrus Logic CS43131 Datasheet HTML 113Page - Cirrus Logic CS43131 Datasheet HTML 114Page - Cirrus Logic CS43131 Datasheet HTML 115Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 156 page
background image
DS1155F1
111
CS43131
6.5 Headphone and PCM Registers
0x09 0036
p. 130
Programmable Filter
Coefficients
SOS3_COEFF_A2_LSBYTE
0
000000
0
0x09 0037
p. 130
Programmable Filter
Coefficients
SOS3_COEFF_A2_MSBYTE
0
000000
0
0x09 0038 Programmable Filter
Coefficients
—
SOS3_
COEFF_A2_
SIGN
p. 130
0
000000
0
0x09 0039
p. 130
Programmable Filter
Coefficients
FOS_COEFF_B0_LSBYTE
0
000000
0
0x09 003A
p. 130
Programmable Filter
Coefficients
FOS_COEFF_B0_MSBYTE
1
000000
0
0x09 003B Programmable Filter
Coefficients
—
FOS_COEFF_
B0_SIGN
p. 130
0
000000
0
0x09 003C
p. 130
Programmable Filter
Coefficients
FOS_COEFF_B1_LSBYTE
0
000000
0
0x09 003D
p. 130
Programmable Filter
Coefficients
FOS_COEFF_B1_MSBYTE
0
000000
0
0x09 003E Programmable Filter
Coefficients
—
FOS_COEFF_
B1_SIGN
p. 130
0
000000
0
0x09 003F
p. 130
Programmable Filter
Coefficients
FOS_COEFF_A1_LSBYTE
0
000000
0
0x09 0040
p. 130
Programmable Filter
Coefficients
FOS_COEFF_A1_MSBYTE
0
000000
0
0x09 0041 Programmable Filter
Coefficients
—
FOS_COEFF_
A1_SIGN
p. 130
0
000000
0
0x0B 0000 Class H Control
—
ADPT_PWR
HV_EN
EXT_VCPFILT
p. 131
0
001111
0
0x0D 0000 HP Detect
HPDETECT_CTRL
HPDETECT_
INV
HPDETECT_RISE_DBC_TIME HPDETECT_FALL_DBC_TIME
—
p. 131
0
000010
0
0x0D 0001 HP Status (Read Only)
—
HPDETECT_
PLUG_DBC
HPDETECT_
UNPLUG_DBC
—
p. 131
0
000000
0
0x0D 0002–
0x0D FFFF
Reserved
—
0
000000
0
0x0E 0000 HP Load 1
HPLOAD_EN
—
HPLOAD_
CHN_SEL
—HPLOAD_AC_
START
HPLOAD_DC_
START
p. 132
0
000000
0
0x0E 0001–
0x0E 0002
Reserved
—
0
000000
0
0x0E 0003 HP Load Measurement
1
HPLOAD_MEAS_FREQ_LSB
p. 132
0
000000
0
0x0E 0004 HP Load Measurement
2
HPLOAD_MEAS_FREQ_MSB
p. 132
0
000000
0
0x0E 0005–
0x0E 000C
Reserved
—
0
000000
0
0x0E 000D HP DC Load Status 0
(Read Only)
RL_DC_STAT_0
p. 133
0
000000
0
0x0E 000E HP DC Load Status 1
(Read Only)
RL_DC_STAT_1
p. 133
0
000000
0
0x0E 000F Reserved
—
0
000000
0
0x0E 0010 HP AC Load Status 0
(Read Only)
RL_AC_STAT_0
p. 133
0
000000
0
0x0E 0011 HP AC Load Status 1
(Read Only)
RL_AC_STAT_1
p. 133
0
000000
0
0x0E 0012–
0x0E 0019
Reserved
—
0
000000
0
Address
Function
7
654321
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com