Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 115 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 115 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 111Page - Cirrus Logic CS43131 Datasheet HTML 112Page - Cirrus Logic CS43131 Datasheet HTML 113Page - Cirrus Logic CS43131 Datasheet HTML 114Page - Cirrus Logic CS43131 Datasheet HTML 115Page - Cirrus Logic CS43131 Datasheet HTML 116Page - Cirrus Logic CS43131 Datasheet HTML 117Page - Cirrus Logic CS43131 Datasheet HTML 118Page - Cirrus Logic CS43131 Datasheet HTML 119Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 156 page
background image
DS1155F1
115
CS43131
7.1 Global Registers
1
XSP_3ST
Determines the state of the XSP clock drivers when in Master Mode. When in Slave Mode, the serial port clocks are
inputs, whose function is not affected by this bit. Before setting an xSP_3ST bit, the associated serial port must be
powered down and not powered up until the xSP_3ST bit is cleared.
0 When in Master Mode, serial port clocks are active.
1 (Default) When in Master Mode, serial port clocks are Hi-Z.
0
ASP_3ST
Determines the state of the ASP clock drivers when in Master Mode. When in Slave Mode, the serial port clock pins are
inputs, whose function is not affected by this bit. Before setting an xSP_3ST bit, the associated serial port must be
powered down and not powered up until the xSP_3ST bit is cleared.
0 When in Master Mode, serial port clocks are active.
1 (Default) When in Master Mode, serial port clocks are Hi-Z.
7.1.10 Power Down Control
Address 0x20000
R/W
76543210
PDN_XSP
PDN_ASP
PDN_DSDIF
PDN_HP
PDN_XTAL
PDN_PLL
PDN_CLKOUT
—
Default
11111110
Bits
Name
Description
7
PDN_XSP
XSP input path power control. Configures XSP SDIN path power state.
0 Powered up.
1 (Default) Powered down.
6
PDN_ASP
ASP input path power control. Configures ASP SDIN path power state.
0 Powered up.
1 (Default) Powered down.
5
PDN_DSDIF DSD interface power control. Sets the power state of the DSD interface block.
0 Powered up.
1 (Default) Powered down.
4
PDN_HP
Power down HPOUTx.
0 Powered up. The HP driver and DACx are powered up.
1 (Default) Powered down. The HP driver and DACx are powered down. When this bit is set, the audio outputs are
soft ramped to mute.
3
PDN_XTAL
Power down crystal oscillator.
0 Powered up. The XTAL driver is powered up to start generating MCLK.
1 (Default) Powered down. The XTAL driver is powered down.
2
PDN_PLL
PLL output power control. Sets the power state of the PLL block.
0 Powered up.
1 (Default) Powered down. PLL block is powered down.
1PDN_
CLKOUT
CLKOUT output power control. Sets the power state of the CLOCKOUT output.
0 Powered up
1 (Default) Powered down. CLKOUT are driven low.
0—
Reserved
7.1.11 Crystal Setting
Address 0x20052
R/W
76543210
—
XTAL_IBIAS
Default
00000100
Bits
Name
Description
7:3
—
Reserved
2:0
XTAL_IBIAS Crystal bias current strength.
010 15.0 µA
100 (Default) 12.5 µA
110 7.5 µA
Others Reserved
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com