Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 116 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 116 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 112Page - Cirrus Logic CS43131 Datasheet HTML 113Page - Cirrus Logic CS43131 Datasheet HTML 114Page - Cirrus Logic CS43131 Datasheet HTML 115Page - Cirrus Logic CS43131 Datasheet HTML 116Page - Cirrus Logic CS43131 Datasheet HTML 117Page - Cirrus Logic CS43131 Datasheet HTML 118Page - Cirrus Logic CS43131 Datasheet HTML 119Page - Cirrus Logic CS43131 Datasheet HTML 120Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 156 page
background image
116
DS1155F1
CS43131
7.2 PLL Registers
7.2 PLL Registers
7.2.1
PLL Setting 1
Address 0x30001
R/W
76543210
—
PLL_START
Default
00000000
Bits
Name
Description
7:1
—
Reserved
0
PLL_START PLL start bit. Enable PLL output after it has been properly configured.
0 (Default) PLL is not started
1 PLL is started
7.2.2
PLL Setting 2
Address 0x30002
R/W
76543210
PLL_DIV_FRAC_0
Default
00000000
Bits
Name
Description
7:0
PLL_DIV_
FRAC_0
PLL fractional portion of divide ratio LSB. There are 3 bytes of PLL feedback divider fraction portion and this is LSB byte;
e.g., 0xFF means (2-17 + 2-18 + …+2-24).
0000 0000 (Default)
7.2.3
PLL Setting 3
Address 0x30003
R/W
76543210
PLL_DIV_FRAC_1
Default
00000000
Bits
Name
Description
7:0
PLL_DIV_
FRAC_1
PLL fractional portion of divide ratio middle byte; e.g., 0xFF means (2-9 + 2-10 + …+2-16).
0000 0000 (Default)
7.2.4
PLL Setting 4
Address 0x30004
R/W
76543210
PLL_DIV_FRAC_2
Default
00000000
Bits
Name
Description
7:0
PLL_DIV_
FRAC_2
PLL fractional portion of divide ratio MSB; e.g., 0xFF means (2-1 + 2-2 + …+2-8).
0000 0000 (Default)
7.2.5
PLL Setting 5
Address 0x30005
R/W
76543210
PLL_DIV_INT
Default
01000000
Bits
Name
Description
7:0 PLL_DIV_INT PLL integer portion of divide ratio. Integer portion of PLL feedback divider.
0100 0000 (Default)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com