Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS43131 Datasheet(PDF) 117 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 117 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 113Page - Cirrus Logic CS43131 Datasheet HTML 114Page - Cirrus Logic CS43131 Datasheet HTML 115Page - Cirrus Logic CS43131 Datasheet HTML 116Page - Cirrus Logic CS43131 Datasheet HTML 117Page - Cirrus Logic CS43131 Datasheet HTML 118Page - Cirrus Logic CS43131 Datasheet HTML 119Page - Cirrus Logic CS43131 Datasheet HTML 120Page - Cirrus Logic CS43131 Datasheet HTML 121Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 156 page
background image
DS1155F1
117
CS43131
7.2 PLL Registers
7.2.6
PLL Setting 6
Address 0x30008
R/W
76543210
PLL_OUT_DIV
Default
00010000
Bits
Name
Description
7:0
PLL_OUT_
DIV
Final PLL clock output divide value.
0001 0000 (Default)
7.2.7
PLL Setting 7
Address 0x3000A
R/W
76543210
PLL_CAL_RATIO
Default
10000000
Bits
Name
Description
7:0
PLL_CAL_
RATIO
PLL calibration ratio. See Section 4.7.2 for configuration details. Target value for PLL VCO calibration.
1000 0000 (Default)
7.2.8
PLL Setting 8
Address 0x3001B
R/W
76543210
—
PLL_MODE
—
Default
00010011
Bits
Name
Description
7:2
—
Reserved
1
PLL_MODE
500/512 factor used in PLL frequency calculation equation, Eq. 4-1.
0 No bypass
1 (Default) Bypass
0—
Reserved
7.2.9
PLL Setting 9
Address 0x40002
R/W
76543210
—
PLL_REF_PREDIV
Default
00000010
Bits
Name
Description
7:2
—
Reserved
1:0
PLL_REF_
PREDIV
PLL reference divide select.
00 Divide by 1
01 Divide by 2
10 (Default) Divide by 4
11 Divide by 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com