Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 27 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 23Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 27 of 128
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT8 = 1mA
IOUT8 = 600mA
IOUT8 = 1200mA
Figure 42. LDO4 PSRR vs. Frequency, VPVIN78 = 1.2 V, VOUT8 = 0.9 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT10 = 1mA
IOUT10 = 25mA
IOUT10 = 50mA
Figure 43. LDO6 PSRR vs. Frequency, VPVIN1011 = 3.7 V, VOUT10 = 3.3 V
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT5 = 1mA
IOUT5 = 150mA
IOUT5 = 300mA
Figure 44. LDO1 Output Noise Density vs. Frequency, VPVIN56 = 2.1 V, VOUT5 = 1.8 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT9 = 1mA
IOUT9 = 250mA
IOUT9 = 500mA
Figure 45. LDO5 PSRR vs. Frequency, VPVIN9 = 1.2 V, VOUT9 = 0.9 V
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT11 = 1mA
IOUT11 = 200mA
IOUT11 = 400mA
Figure 46. LDO7 PSRR vs. Frequency, VPVIN1011 = 3.7 V, VOUT11 = 3.3 V
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT6 = 1mA
IOUT6 = 1A
IOUT6 = 1.9A
Figure 47. LDO2 Output Noise Density vs. Frequency, VPVIN56 = 2.1 V, VOUT6 = 1.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com