Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 37 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 33Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 34Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 37 of 128
AVIN AND AVDD
The ADP5140 integrates an input UVLO circuit on the input
supply. When VAVIN or VAVDD drops below 2.4 V (typical), an
input UVLO event is detected, and the device turns off. When the
input voltage recovers from the UVLO event, and the input
voltage exceeds 2.5 V (typical), the device is active, and a power-
on reset (POR) signal generates.
ENABLE FUNCTION
The ADP5140 has an enable pin (EN) to control turning the
device on or off. The EN pin has two voltage thresholds, the first
stage threshold (VEN_RGH) and the second stage threshold (VEN_R).
When the voltage on the EN pin (VEN) is below VEN_RGH, the
device is in shutdown mode.
When VEN is between VEN_RGH and VEN_R, the device can enter
initial mode (see the Initial Mode section for more details).
When VEN is above VEN_R, the device exits initial mode and can
operate in normal mode (see the Normal Mode section for
more details).
An internal pull-down resistor prevents the device from
enabling accidentally if the EN pin is left floating.
ACTIVE OUTPUT DISCHARGE
Except for BUCK2 and LDO1, all other buck regulators, LDO
regulators, and the boost regulator on the ADP5140 integrate the
output discharge function. The discharge function is enabled
when a regulator is disabled, which helps discharge the output
capacitor quickly.
SYNCHRONIZATION
The SYNC pin can be configured as an input, output, or high
impendence pin through the SPI. The default configuration is
as a high impedance pin. When the SYNC pin is configured as
an output, the pin outputs a clock that is in phase with BUCK1.
If the SYNC_DIV bit in the FREQ_CONFG register is set to 0,
the frequency on the SYNC pin is equal to the fSW of BUCK1. If
the SYNC_DIV bit is set to 1, the frequency on the SYNC pin is
equal to 1/5 of the BUCK1 fSW.
When the SYNC pin is configured as an input, connect an external
clock ranging from 1.9 MHz to 2.4 MHz to the SYNC pin. The
fSW of the buck regulators and boost regulator is synchronized
to the external clock applied to the SYNC pin. The fSW of BUCK1
runs in phase with the clock on the SYNC pin. The fSW of all
regulators on the ADP5140 clamp at 1.8 MHz if the external
clock frequency is too slow and at 2.5 MHz if the external clock
frequency is too fast.
When the SYNC pin is configured as an input, the frequency
spread spectrum function inside the ADP5140 is disabled.
FREQUENCY SPREAD SPECTRUM
The ADP5140 integrates a triangular frequency spread
architecture to reduce system EMI, as shown in Figure 80. The
frequency spread spectrum function can be enabled or disabled
through the SP_EN bit in the FREQ_CONFG register. The
SP_EN bit is disabled by default. The sweep frequency (fSF) and
sweep depth (SD) can be programmed through the SPI register,
FREQ_CONFG, as shown in Table 19 and Table 20.
fSF
fSW
fSW × (1 + SD)
fSW × (1 – SD)
Figure 80. Triangular Spreading
Table 19. Sweep Frequency Option
SF, Bits[5:3]
Sweep Frequency (kHz)
000 (Default)
5
001
10.42
010
15.63
011
20.83
100
25
101
31.25
110
41.67
111
62.5
Table 20. Sweep Depth Option
SD, Bits[8:6]
Sweep Depth (%)
000 (Default)
2
001
4
010
6
011
8
100
10
FEEDBACK VOLTAGE MONITOR
Each power rail has a window comparator to monitor the
voltage on the FBx pin. The reference of the FBx window
comparator is derived from an independent band gap and is
powered by the AVDD pin. The window comparator has two
window thresholds: warning and fault. If the output voltage is
outside of the warning window or the fault window, a warning
or fault event is triggered accordingly, as shown in Figure 81.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com