Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 56 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 56 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 52Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 53Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 54Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 55Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 56Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 57Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 58Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 59Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 56 of 128
selected inductor is large enough to avoid the current limit
throughout the entire input voltage range. Use the following
equation to calculate the peak inductor current:
__
_
12
OUT BOOST
PP BOOST
PEAK BOOST
BOOST
II
I
D

=
+

−

where
IPEAK_BOOST is the peak inductor current of the boost.
IPP_BOOST is the peak-to-peak inductor ripple current.
_
_
IN BOOST
BOOST
PP BOOST
BOOST
SW
VD
I
Lf
×
=
×
where LBOOST is the inductor value of the boost.
The saturation current of the inductor must be larger than the
peak inductor current. For ferrite core inductors with a quick
saturation characteristic, the saturation current rating of the
inductor must be higher than the current-limit threshold of the
boost regulator to prevent the inductor from reaching saturation.
OUTPUT CAPACITOR SELECTION
The output capacitor selection affects both the output voltage
ripple and the loop dynamics of the regulators in the ADP5140.
The ADP5140 functions with small ceramic capacitors that
have low equivalent series resistance (ESR) and low equivalent
series inductance (ESL) and can, therefore, easily meet the
output voltage ripple specifications. Ceramic capacitors are
manufactured with a variety of dielectrics, each with different
behavior over temperature and applied voltage. X5R or X7R
dielectrics are recommended for best performance because of
the low ESR and small temperature coefficients.
Output Capacitor Selection for the Buck Regulators
During a load step transient where the load suddenly increases,
the output capacitor supplies the load until the control loop can
ramp up the inductor current. The delay caused by the control
loop causes output to undershoot. To calculate the output
capacitance that is required to satisfy the voltage drop
requirement, use the following equation:
2
__
_
2 (
)
UV
STEP
BUCK
OUT_UV
IN BUCK
OUT BUCK
OUT UV
KI
L
C
VV
V
×∆
×
=
×
−
×∆
where:
KUV is a factor, with a typical setting of KUV = 2.
ΔISTEP is the load step.
ΔVOUT_UV is the allowable undershoot on the output voltage of
buck regulator.
Another example occurs when a load is suddenly removed from
the output, and the energy stored in the inductor rushes into
the output capacitor, causing the output to overshoot.
To calculate the output capacitance that is required to meet the
overshoot requirement, use the following equation:
2
22
_
__
()
OV
STEP
BUCK
OUT_OV
OUT BUCK
OUT OV
OUT BUCK
K
I
L
C
V
VV
×∆
×
=
+∆
−
where:
KOV is a factor, with a typical setting of KOV = 2.
LBUCK is the inductor current ripple
ΔVOUT_OV is the allowable overshoot on the output voltage of
buck regulator. When the buck regulator operates in
continuous conduction mode, the overall output voltage ripple
is the sum of the voltage spike caused by the output capacitor
ESR plus the voltage ripple caused by the charging and
discharging of the output capacitor, as follows:
_
_
__
1
8
RIPPLE BUCK
L BUCK
BUCK
SW
OUT RIPPLE BUCK
V
I
ESR
fC
∆=

∆×
+


××

where:
ΔVRIPPLE_BUCK is the allowable output ripple voltage of the buck
regulator.
COUT_RIPPLE_BUCK is the output capacitance to meet the voltage
ripple requirement.
ESRBUCK is the equivalent series resistance of the output
capacitor of buck regulator in ohms (Ω).
Capacitors with lower ESR are preferable to guarantee low
output voltage ripple, as shown in the following equation:
_
_
RIPPLE BUCK
BUCK
L BUCK
V
ESR
I
∆
≤
∆
Select the largest output capacitance given by COUT_UV, COUT_OV,
and COUT_RIPPLE_BUCK to meet both load transient and output
ripple performance.
Output Capacitor Selection for the Boost Regulator
In the boost regulator, the output capacitor supplies the load
current while the inductor current ramps up. Therefore, the
output ripple usually determines the output capacitance
required, as follows:
(
)
_
_
_
__
RIPPLE BOOST
OUT BOOST
BOOST
BOOST
PEAK BOOST
OUT RIPPLE BOOST
SW
V
ID
ESR
I
Cf
∆=
×
+×
×
where:
ΔVRIPPLE_BOOST is the allowable output ripple voltage of the boost
regulator.
ESRBOOST is the equivalent series resistance of the output
capacitor of boost regulator in Ω.
The output voltage of the boost regulator in the ADP5140 is fixed.
A ceramic capacitor with a typical value of 10 μF or greater and
low ESR is recommended. Larger capacitance values lower the
output ripple and improve transient response and loop stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com