Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 76 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 76 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 72Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 73Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 74Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 75Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 76Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 77Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 78Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 79Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 76 of 128
Bits
Bit Name
Description
Reset
Access
6
VOUT11_OT_LATCH
Latch the Overtemperature Event on Regulator 11.
0x0
R
0: no overtemperature occurred on Regulator 11.
1: overtemperature occurred on Regulator 11.
5
VOUT10_OT_LATCH
Latch the Overtemperature Event on Regulator 10.
0x0
R
0: no overtemperature occurred on Regulator 10.
1: overtemperature occurred on Regulator 10.
4
VOUT9_OT_LATCH
Latch the Overtemperature Event on Regulator 9.
0x0
R
0: no overtemperature occurred on Regulator 9.
1: overtemperature occurred on Regulator 9.
3
VOUT8_OT_LATCH
Latch the Overtemperature Event on Regulator 8.
0x0
R
0: no overtemperature occurred on Regulator 8.
1: overtemperature occurred on Regulator 8.
2
VOUT7_OT_LATCH
Latch the Overtemperature Event on Regulator 7.
0x0
R
0: no overtemperature occurred on Regulator 7.
1: overtemperature occurred on Regulator 7.
1
VOUT6_OT_LATCH
Latch the Overtemperature Event on Regulator 6.
0x0
R
0: no overtemperature occurred on Regulator 6.
1: overtemperature occurred on Regulator 6.
0
VOUT5_OT_LATCH
Latch the Overtemperature Event on Regulator 5.
0x0
R
0: no overtemperature occurred on Regulator 5.
1: overtemperature occurred on Regulator 5.
1
Write 1 to clear.
Table 55. OTHER_LATCH1, Register Address: 0x202C
Bits
Bit Name
Description
Reset
Access
[31:29]
RESERVED
Reserved.
0x0
R
28
WDI1_EXT_LATCH
Latch the Falling Edge Event on the WDI1 Pin when WD1 is Disabled.
0x0
R
0: no falling edge occurred on the WDI1 Pin.
1: falling edge occurred on the WDI1 Pin.
27
WDI0_EXT_LATCH
Latch the Falling Edge Event on the WDI0 Pin when WD0 is Disabled.
0x0
R
0: no falling edge occurred on the WDI0 Pin.
1: falling edge occurred on the WDI0 Pin.
26
VSET1_DETECTION_LATCH
Latch the VSET1 Pin Fault Event.
0x0
R
0: no fault occurred on the VSET1 pin.
1: fault occurred on the VSET1 pin.
25
MODE_DETECTION_LATCH
Latch the MODE Pin Fault Event.
0x0
R
0: no fault occurred on the MODE pin.
1: fault occurred on the MODE pin.
24
SYNC_FAIL_LATCH
Latch the Synchronization Fail Event.
0x0
R
0: no synchronization fail occurred.
1: synchronization fail occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com