Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 61 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 61 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 57Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 58Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 59Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 60Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 61Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 62Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 63Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 64Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 61 of 128
Register Address
Register Name
Reset
Table Reference
0x8020
LDO2_VOUT_SETTING
0x1
Table 83
0x8024
LDO3_VOUT_SETTING
0x1
Table 84
0x8028
LDO4_VOUT_SETTING
0x1
Table 85
0x802C
LDO5_VOUT_SETTING
0x1
Table 86
0x8030
LDO6_VOUT_SETTING
0x1
Table 87
0x8034
LDO7_VOUT_SETTING
0x1
Table 88
0x8038
WARN_WINDOW
0x5555555
Table 89
0x803C
FAULT_WINDOW
0xFAAAAAA
Table 90
0x8040
ERROR_COUNT
0x3F
Table 91
0x8044
SM_BIST_TRG
0x0
Table 92
0x8048
SM_BIST_STATUS
0x0
Table 93
0x804C
WDI0_PULSE_CTRL
0x0
Table 94
0x8050
WDI0_PULSE_HIGH
0x47E
Table 95
0x8054
WDI0_PULSE_LOW
0x352
Table 96
0x8058
WDI0_PULSE_WIN_WIDTH
0x898
Table 97
0x805C
WDI1_PULSE_CTRL
0x0
Table 98
0x8060
WDI1_PULSE_HIGH
0x47E
Table 99
0x8064
WDI1_PULSE_LOW
0x352
Table 100
0x8068
WDI1_PULSE_WIN_WIDTH
0x898
Table 101
0x806C
WDT0_CTRL
0x2C00A
Table 102
0x8070
WDT0_WINDOW
0xEA63A98
Table 103
0x8074
WDT0_CLEAR_VALUE
0x0
Table 104
0x8078
WDT0_STATUS
0x0
Table 105
0x807C
WDT0_CURRENT_VALUE
0x0
Table 106
0x8080
WDT1_CTRL
0x2C00A
Table 107
0x8084
WDT1_WINDOW
0x EA63A98
Table 108
0x8088
WDT1_CURRENT_VALUE
0x0
Table 109
0x808C
WDT1_CLEAR_VALUE
0x0
Table 110
0x8090
WDT1_STATUS
0x0
Table 111
0x8094
QA_WD_CTRL
0x35
Table 112
0x8098
QA_WD_WINDOW
0x1E85
Table 113
0x809C
QA_WD_CURRENT_VALUE
0x0
Table 114
0x80A0
QA_WD_CLEAR_VALUE
0x0
Table 115
0x80A4
QA_WD_STATUS
0x0
Table 116
0x80A8
QA_WD_TOKEN_SEED
0x0
Table 117
0x80AC
STANDBY_RAIL_ACTIVE
0x1F
Table 118
0x80B0
SPI_CRC_CHECKSUM
0x0
Table 119
0x80B4
SPI_CMD
0x0
Table 120
0x80B8
VOLTAGE_BLANK_TIME0
0x2222222
Table 121
0x80BC
VOLTAGE_BLANK_TIME1
0x2222222
Table 122
0x80C0
SYSREG_CRC_CHECKSUM
0x0
Table 123
0x80C4
SYSREG_CRC_GOLDEN
0x0
Table 124
0x80C8
SYSREG_CRC_POLYSEED
0x555590D9
Table 125
0x80CC
WAKEPIN_EVT
0x0
Table 126
0x80D0
SYSCRC_EN
0x0
Table 127
0x80D4
VM_TYP_CONFIGURATION
0x0
Table 128
0x80D8
FUSE_PERIOD_CHK_TIMER
0x96
Table 129
0x80F0
SPI_PIN_CTRL
0x0
Table 130



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com