Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 59 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 59 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 55Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 56Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 57Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 58Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 59Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 60Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 61Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 62Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 59 of 128
PCB LAYOUT RECOMMENDATIONS
In any switching power supply, there are some circuit paths
that carry high dI/dt, which create spikes and noise. Some
circuit paths are sensitive to noise, such as feedback traces,
which must be devoid of spikes and noise. The key to proper
PCB layout is to identify these critical paths and arrange the
components and the copper area accordingly.
When designing PCB layouts, keep high current loops small. In
addition, keep sensitive traces and components away from the
switching nodes and the associated components.
Figure 96 shows a recommended PCB layout for the ADP5140.
The following layout rules are recommended for the ADP5140:
•
Place the input capacitor, output capacitor, and inductor
as close as possible to the IC and use short traces.
•
Use separate analog ground planes (GND) and power
ground planes. Connect the ground reference of sensitive
analog circuitry, such as output voltage divider
components, reference capacitors, and output capacitors of
the LDO regulators to analog ground. In addition, connect
the ground reference of the power components, such as
input and output capacitors of the buck and boost
regulators, to power ground. Use the internal ground
planes to connect the analog ground plane and power
ground plane together.
•
Connect the exposed pads of the ADP5140 to the internal
ground plane.
•
Separate the input power trace of each switching regulator.
Using BUCK1 and BUCK2 as an example, although
PVIN1 and PVIN2 are adjacent pins and are usually
connected to the same input power, do not connect them
directly near the IC pins. Use a separated input trace to
connect each PVIN pin to its input capacitor.
•
Ensure that the high current loop traces are as short and as
wide as possible. Using a BUCKx regulator as an example,
ensure that the high current path from the input capacitor
through the inductor, the output capacitor, and the power
ground plane back to the input capacitor is as short as possible
by making sure that the input and output capacitors share
a common power ground plane.
•
Place the feedback resistor dividers as close as possible to
the FBx pins to prevent noise pickup. Minimize the length
of the feedback traces away from the high current traces
and the switching nodes to avoid noise pickup.
CIN3
CIN4
L12
RVSET1
RMODE
RTOP2
RBOT2
L2
L1
LFILTER
CFILTER
CFILTER
CFILTER
L3
L4
COUT7
COUT8
CFB4
RFB4
CIN78
CIN1
CIN2
CIN1011
COUT11
COUT10
ADP5140
Figure 96. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com