Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 63 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 63 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 59Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 60Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 61Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 62Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 63Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 64Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 65Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 66Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 67Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 63 of 128
Bits
Bit Name
Description
Reset
Access
[1:0]
COMM_MODE0_1
COMM_MODE30_31, COMM_MODE24_25, COMM_MODE6_7, and COMM_MODE0_1
are combined to setting the SPI communication mode.
0x0
R/W
Mode 0 (Little Endian and MSB):
COMM_MODE30_31 = 00, COMM_MODE24_25 = 00, COMM_MODE6_7 = 00, and
COMM_MODE0_1 = 00.
Mode 1 (Little Endian and LSB):
COMM_MODE30_31 = 00, COMM_MODE24_25 = 00, COMM_MODE6_7 = 11, and
COMM_MODE0_1 = 11.
Mode 2 (Big Endian and MSB):
COMM_MODE30_31 = 11, COMM_MODE24_25 = 11, COMM_MODE6_7 = 00, and
COMM_MODE0_1 = 00.
Mode 3 (Big Endian and LSB):
COMM_MODE30_31 = 11, COMM_MODE24_25 = 11, COMM_MODE6_7 = 11, and
COMM_MODE0_1 = 11.
Table 35. CLR_SPI_CNT, Register Address: 0x0004
Bits
Bit Name
Description
Reset
Access
[32:2]
RESERVED
Reserved.
0x0
R
1
SPI_WRCNT_CLR
Write 1 to this bit to clear the SPI write counter.
0x0
R/W
0
SPI_RDCNT_CLR
Write 1 to this bit to clear the SPI read counter.
0x0
R/W
Table 36. CHIP_INFO1, Register Address: 0x0008
Bits
Bit Name
Description
Reset
Access
[31:24]
CHIP_TYPE
These bits are used to determine the chip type of the ADP5140. The default value is 0xC.
0xC
R
[23:20]
PRODUCT_GRADE
These bits are used to determine the product grade of the ADP5140. The default
value is 0x0.
0x0
R
[19:16]
DEVICE_REVISION
These bits are used to determine the device revision of the ADP5140. The default
value is 0x3.
0x3
R
[15:8]
PRODUCE_ID_UPBYTE
These bits are combined with PRODUCT_ID_LOWBYTE to determine the product ID
value. The default value is 0x51.
0x51
R
[7:0]
PRODUCE_ID_LOWBYTE
These bits are combined with PRODUCT_ID_UPBYTE to determine the product ID
value. The default value is 0x40.
0x40
R
Table 37. CHIP_INFO2, Register Address: 0x000C
Bits
Bit Name
Description
Reset
Access
[31:24]
RESERVED
Reserved.
0x0
R
[23:16]
VENDOR_ID_HI
These bits record the high byte of the vendor ID.
0x4
R
[15:8]
VENDOR_ID_LO
These bits record the low byte of the vendor ID.
0x56
R
[7:0]
SPI_REVISION
These bits record the revision number of the SPI.
0x0
R
Table 38. SPI_CRC_PARAM, Register Address: 0x0010
Bits
Bit Name
Description
Reset
Access
[31:16]
SPI_CRC_SEED
SPI Initial Seed Value for the CRC Calculation.
0x5555
R/W
[15:0]
SPI_CRC_POLY
Polynomial Value for the CRC Calculation.
0x90D9
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com