Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 43 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 46Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 43 of 128
The QA watchdog waits for the answer from the processor. When
the QA watchdog receives the answer from the processor, the
watchdog compares the answer to the internal answer. If the
two answers match, a good answer flag is set. If the two answers
do not match, a bad answer flag is set. The answer from the
processor must fit into the open window between tWD_QA_FAST, and
tWD_QA_SLOW as shown in Figure 87. The QA watchdog timer resets
when it gets a good answer or the watchdog timer expires (no good
feeding within tWD_QA_SLOW). A bad answer does not reset the QA
watchdog timer. The bad answer is treated as no feed.
tWD_QA_FAST
tWD_QA_SLOW
QA WATCHDOG
RESET
ANSWER FROM
PROCESSOR
PROCESSOR
READ TOKEN
TIME
CLOSE
WINDOW
OPEN
WINDOW
Figure 87. QA Watchdog Operation Sequence
QA Watchdog Fault Counter
The four possible QA watchdog fault situations include the
following:
•
The ADP5140 receives a good answer within the open
window. A good QA watchdog feed event occurs, and the
QA watchdog fault counter (QA_WD_
FAULT_COUNTER bits in the QA_WD_STATUS
register) decrements.
•
The ADP5140 receives a good answer but the feeding time
is outside the open window. A bad QA watchdog feed event
occurs, and the QA watchdog fault counter increments.
•
The ADP5140 receives a bad answer, no matter if the
feeding time is within or outside the open window. This
instance is treated as a no feed event, and the QA
watchdog fault counter remains unchanged.
•
The ADP5140 receives no answer within the slow window
time. A bad QA watchdog feed event occurs, and the QA
watchdog fault counter increments.
If the QA watchdog fault counter value is equal to or higher
than the QA watchdog fault threshold value, a QA watchdog
fault event occurs, and the relevant QA watchdog fail bit in the
OTHER_STATUS register and OTHER_LATCH register is set.
The QA watchdog fault counter has overflow saturation and
underflow saturation. When the QA watchdog fault counter is
7, the counter remains at 7 if a bad QA watchdog feed event
occurs. When the QA watchdog fault counter is 0, the counter
remains at 0 if a good QA watchdog feed event occurs. The QA
watchdog fault counter resets when VAVIN is less than the UVLO
threshold or when the QA watchdog is re-enabled from the
disable status.
QA Watchdog Window Setting
tWD_QA_FAST and tWD_QA_SLOW are programmable through the SPI
and the equations are as follows:
tWD_QA_FAST = QA_WD_FAST_WINDOW × QA Time Tick
tWD_QA_SLOW = QA_WD_SLOW_WINDOW × QA Time Tick
where:
QA_WD_FAST_WINDOW is the value of the
QA_WD_FAST_WINDOW bits in the QA_WD_WINDOW
register in decimal form, and the default value is 0.
QA_WD_SLOW_WINDOW is the value of the
QA_WD_SLOW_WINDOW bits in the QA_WD_WINDOW
register in decimal form, and the default value is 7813.
QA Time Tick is determined by the internal 2 MHz clock and
the QA scale factor, as follows:
QA Time Tick = QA_SCALE_FACTOR/2 MHz
where:
QA_SCALE_FACTOR depends on the QA_WD_PRE_SCALE
bits setting in the QA_WD_CTRL register. The default value of
the QA scale factor is 256, as shown in Table 31.
Table 31. QA Watchdog Scale Factor and Time Tick
QA_WD_PRE_SCALE,
Bits [1:0]
QA_SCALE_FACTOR
QA Time Tick (µs)
00
1
0.5
01
16
8
10 (Default)
256
128
11
4096
2048
The default values of tWD_QA_FAST and tWD_QA_SLOW are 0s and 1s,
respectively.
The QA watchdog needs 2× the QA time ticks duration time to
reset. Set tWD_QA_FAST and tWD_QA_SLOW to no less than 40× the QA
time ticks to keep the accuracy of the fast window and slow
window at less than 5%.
QA Watchdog Synchronization
The first feed signal is used for synchronization. As long as the
first feed signal is within the slow window, there is no increment or
decrement on the QA watchdog fault counter, and the QA
watchdog timer resets. If the first feed signal does not come
within the slow window, the QA watchdog timer expires and
resets, and the QA watchdog fault counter increments. The QA
watchdog still waits for the first feed signal and treats the first
feed signal as described in this section.
The QA_WD_TOKEN register and QA_WD_ANSWER
register are not controlled by the lock and unlock method and
can be directly written or read without writing the correct key
to the PMIC_PSWD register.
Watchdog Parameters Configuration
Parameters related to the watchdogs can be programed through
the SPI, and the new value takes effect when the next feed signal
arrives.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com