Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 70 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 70 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 66Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 67Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 68Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 69Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 70Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 71Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 72Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 73Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 70 of 128
Bits
Bit Name
Description
Reset
Access
8
SPI_FMT_ERR_STATUS
SPI Format Error Status.
0x0
R
0: no error.
1: error.
7
SPI_RDD_ERR_STATUS
SPI Redundant Error Status.
0x0
R
0: no error.
1: error.
6
SPI_CLK_ERR_STATUS
SPI Clock Error Status.
0x0
R
0: no error.
1: error.
5
SPI_ACCESS_FAIL
SPI Accessed Unlocked Register Fail
0x0
R
0: no fail.
1: SPI access unlocked register.
4
SPI_ADDR_FAIL
SPI Accessed Address Fail.
0x0
R
0: no address fail.
1: SPI accessed wrong address.
3
SPI_CRC_FAIL
SPI CRC Status.
0x0
R
0: no CRC fail on SPI.
1: CRC fail on SPI.
2
QA_WD_FAIL
QA Watchdog Fail.
0x0
R
0: no fail on QA watchdog.
1: QA watchdog fail.
1
WD1_FAIL
WD1 Fail.
0x0
R
0: no fail on WD1
1: WD1 fail.
0
WD0_FAIL
WD0 Fail.
0x0
R
0: no fail on WD0.
1: WD0 fail.
Table 50. OTHER1_STATUS, Register Address: 0x2018
Bits
Bit Name
Description
Reset
Access
[31:19]
RESERVED
Reserved.
0x0
R
18
FB8_RECAP_SHORT_STATUS
Status for FB8 and RECAP Short Event.
0x0
R
0: FB8 and RECAP are not short.
1: FB8 and RECAP are short.
17
VREG_GOOD_STATUS
VREG Good Status.
0x0
R
0: VREG is not good.
1: VREG is good.
16
PIN_OPEN_FAULT_LDO7_STATUS
LDO7 Pin Open Fault Status.
0x0
R
0: no open fault.
1: open fault.
15
PIN_OPEN_FAULT_LDO6_STATUS
LDO6 Pin Open Fault Status.
0x0
R
0: no open fault.
1: open fault.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com