Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 38 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 38 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 34Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 38 of 128
FBx FAULT HIGH THRESHOLD
FBx WARNING HIGH THRESHOLD
FBx WARNING LOW THRESHOLD
FBx FAULT LOW THRESHOLD
FBx TYPICAL VALUE
HYSTERESIS
HYSTERESIS
HYSTERESIS
HYSTERESIS
FBx RISING
FBx FALLING
NO WARNING
NO WARNING
WARNING
WARNING
WARNING
FAULT
NO FAULT
NO FAULT
FAULT
FAULT
FAULT
WINDOW
WARNING
WINDOW
WARNING
WINDOW FAULT
WINDOW
Figure 81. FBx Voltage Window Comparator
If the voltage on the FBx pin is outside of the warning window,
the regulator still functions and sets the corresponding warning bit
in the WARN_STATUS register and WARN_LATCH register.
If the voltage on the FBx pin is lower than the fault low threshold,
the regulator still functions and sets the corresponding
x_UV_STATUS bit in the UV_STATUS register and
UV_LATCH register.
If the voltage on the FBx pin is higher than the fault high
threshold, the regulator turns off and sets the corresponding
x_OV_STATUS bit in the OV_STATUS register and
OV_LATCH register.
The warning window and fault window are programmable
through the FBx_WARN_WINDOW and FBx_FAULT_
WINDOW bits in the WARN_WINDOW and FAULT_
WINDOW SPI registers. The programmable range is from 4%
to 8%, as shown in Table 21 and Table 22, with a fixed
hysteresis. These threshold windows are referenced to the
normal output voltage on the power rail. See Table 1 for the
detailed specification.
Table 21. FBx Voltage Monitor Warning Window
FBx_WARN_WINDOW, Bits[1:0]
Warning Window (%)
00
4
01 (Default)
5
10
6
11
8
Table 22. FBx Voltage Monitor Fault Window
FBx_FAULT_WINDOW, Bits[1:0]
Fault Window (%)
00
4
01
5
10 (Default)
6
11
8
The blank time of the FBx voltage monitor is programmable
through the FBx_BLANK_TIME bits in the VOLTAGE_
BLANK_TIME0 and VOLTAGE_BLANK_TIME1 SPI registers.
The programmable range is from 16 µs to 352 µs, as shown in
Table 23.
Table 23. Voltage Monitor Blank Time
FBx_BLANK_TIME, Bits[3:0]
Blank Time (µs)
0000
16
0001
32
0010 (Default)
48
0011
64
0100
80
0101
96
0110
112
0111
128
1000
144
1001
160
1010
176
1011
192
1100
208
1101
240
1110
288
1111
352
VMx VOLTAGE SUPERVISOR
The ADP5140 integrates two voltage supervisors, VM0 and
VM1. The VMx voltage supervisors monitor the voltage added
on the VMx pin and compare the voltage with the internal
600 mV reference voltage. The voltage monitor function of VMx
is disabled by default and can be enabled as a single overvoltage
or undervoltage monitor or window monitor according to the
VMx_TYP bits settings in the VM_TYP_CONFIGURATION
register. The reference of VMx is derived from an independent
band gap powered by the AVDD pin.
When VMx is configured as a window monitor, and the voltage
on the VMx pin is out of the monitoring window, a warning or
fault event is reported in the WARN_STATUS, OV_STATUS,
and UV_STATUS registers, and the relevant latch bits in the
WARN_LATCH, OV_LATCH, and UV_LATCH registers are
set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com