Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 31 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 31 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 31Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 32Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 33Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 34Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 31 of 128
CH1 50.0mV
CH1 50.0mV
CH4 1.00A
50.0MS/s
100k points
200µs
T 20.61%
CH4
2.16A
1
4
T
VOUT3 (AC)
IOUT3
Figure 66. Load Transient Response of BUCK3 (1.2 V), 1 A to 3 A
CH1 200mV
CH1 200mV
CH4 200mA
50.0MS/s
100k points
200µs
T 20.51%
CH4
212mA
1
4
T
VOUT12 (AC)
IOUT12
Figure 67. Load Transient Response of Boost (5 V), 0.1 A to 0.3 A
CH1 2.00mV
CH1 2.00mV
CH4 1.00A
50.0MS/s
100k points
200µs
T 20.71%
CH4
1.56A
1
4
T
VOUT6 (AC)
IOUT6
Figure 68. Load Transient Response of LDO2 (1.8 V), 0.5 A to 2 A
CH1 50.0mV
CH1 50.0mV
CH4 1.00A
50.0MS/s
100k points
200µs
T 20.71%
CH4
2.22A
1
4
T
VOUT4 (AC)
IOUT4
Figure 69. Load Transient Response of BUCK4 (0.65 V), 1 A to 3 A
CH1 5.00mV
CH1 5.00mV
CH4 100mA
50.0MS/s
100k points
200µs
T 20.71%
CH4
248mA
1
4
T
VOUT5 (AC)
IOUT5
Figure 70. Load Transient Response of LDO1 (1.8 V), 0.1 A to 0.3 A
CH1 5.00mV
CH1 5.00mV
CH4 500mA
50.0MS/s
100k points
200µs
T 20.71%
CH4
920mA
1
4
T
VOUT7 (AC)
IOUT7
Figure 71. Load Transient Response of LDO3 (0.9 V), 0.2 A to 1.2 A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com