Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 42 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 42 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 46Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 42 of 128
When initialization is complete, the QA watchdog generates a
token and a corresponding watchdog internal answer. The QA
watchdog requires the processor to read the token through the
QA_WD_TOKEN register and then send back the calculated
answer by writing to the QA_WD_ANSWER register. Table 30
shows the relationship between the token and answer.
Table 30. Relationship Between Token and Answer
QA_WD_TOKEN, Bits[3:0]
QA_WD_ANSWER, Bits[31:0]
0x0
0x000FF0FF
0x1
0xE3EC131C
0x2
0x9B946B64
0x3
0x78778887
0x4
0x5659A6A9
0x5
0xB5BA454A
0x6
0xCDC23D32
0x7
0x2E21DED1
0x8
0x2D22DDD2
0x9
0xCEC13E31
0xA
0xB6B94649
0xB
0x555AA5AA
0xC
0x7B748B84
0xD
0x98976867
0xE
0xE0EF101F
0xF
0x030CF3FC
The interaction between QA watchdog and the processor
follows the sequence diagram shown in Figure 86.
PROCESSOR
Q/A
WATCHDOG
UNLOCK Q/A WATCHDOG CONFIGURATION REGISTERS
WRITE CONFIGURATION REGISTERS
(SEED, FAST/SLOW WINDOW)
LOCK Q/A WATCHDOG CONFIGURATION REGISTERS
READ BACK QA_WD_TOKEN
WRITE ANSWER TO QA_WD_ANSWER
CALCULATE FOUR 8-BIT ANSWERS
BASED ON QA_WD_TOKEN
CALCULATE FOUR 8-BIT ANSWERS
BASED ON QA_WD_TOKEN
READ BACK QA_WD_TOKEN
WRITE ANSWER TO QA_WD_ANSWER
GENERATE TOKEN
AND INTERNAL ANSWER
GOOD ANSWER: GENERATE NEW
TOKEN AND NEW INTERNAL ANSWER
BAD ANSWER: KEEP TOKEN AND
INTERNAL ANSWER UNCHANGE
GOOD ANSWER: GENERATE NEW
TOKEN AND NEW INTERNAL ANSWER
BAD ANSWER: KEEP TOKEN AND
INTERNAL ANSWER UNCHANGE
Figure 86. QA Watchdog and Processor Interaction Sequence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com