Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 40 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 40 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 40 of 128
Table 27. MODE Pin Setting
RMODE (kΩ)
Debug Mode
Device Index
VIO (V)
12.1
Enable
0
1.8
15.0
Enable
0
3.3
19.1
Enable
1
1.8
23.7
Enable
1
3.3
29.4
Disable
0
1.8
36.5
Disable
0
3.3
45.3
Disable
1
1.8
57.6
Disable
1
3.3
73.2
Enable
2
1.8
90.9
Enable
2
3.3
118
Enable
3
1.8
147
Enable
3
3.3
182
Disable
2
1.8
237
Disable
2
3.3
309
Disable
3
1.8
464
Disable
3
3.3
The debug function enables or disables debug mode. When in
debug mode, all faults related to watchdogs are ignored.
The device index setting function sets the device index for the
ADP5140. Four device indexes can be set with different
resistance between the MODE pin and ground. See the SPI
section for more information.
Use the I/O voltage selection function to select the I/O voltage.
The ADP5140 supports a 1.8 V or 3.3 V I/O supply voltage.
An SPI register, MODE_PIN_STATUS, records the MODE pin
configuration and is readable through the SPI.
VIO SUPPLY
VIO provides the power supply for the digital interface on the
ADP5140. The VIO pin supports a voltage of either 3.3 V or
1.8 V, and the resistance between the MODE pin and ground
determines which voltage is supported.
The VIO pin has a UVLO monitoring circuit. If VIO is below
the VIO UVLO threshold, an input and output UVLO fault
event occurs. The ADP5140 sets the VIO_UVLO_STATUS bit
in the UV_STATUS register and the VIO_UVLO_LATCH bit
in the UV_LATCH register.
WAKE-UP FUNCTION AND EXTERNAL EVENT
DETECTION
The WAKE pin supports either the wake-up function or the
external event detection function, depending on the configuration
in the WAKEPIN_EVT SPI register. The WAKE pin default
setting is the wake-up function.
When configured for the wake-up function, a low voltage level on
the WAKE pin wakes up the ADP5140 and the device exits
standby mode (see the Standby Mode section for more
information). The wake-up function is effective only in
standby mode.
When configured for the external event detection function, a
low voltage level with a duration time longer than the deglitch
time (tD_WAKE) on the WAKE pin sets a latch event in the
ADP5140. This latch event is reflected on the RESET, STATUS,
or FAULT pin depending on the SPI settings.
An internal 1 MΩ pull-down resistor keeps the voltage on the
WAKE pin below the WAKE low voltage threshold (see Table 1)
when the WAKE pin is left floating.
WATCHDOG
The ADP5140 integrates two window watchdogs, Watchdog 0
(WD0) and Watchdog 1 (WD1), and one QA watchdog
(QA_WD). WD0 and WD1 are fed through the WDI0 pin and
WDI1 pin. QA_WD is fed through the SPI, which detects the
software fault of the processor.
Window Watchdog
There are three trigger modes that feed each window watchdog
from the WDIx pin: rising edge trigger, falling edge trigger, or both
rising and falling edge trigger, as shown in Figure 83, Figure 84,
and Figure 85, respectively. The WDTx_TRIG_EDGE_SEL bits
in the WDTx_CTRL register determine the trigger mode for
the window watchdog.
Table 28. Window Watchdog Trigger Edge Configuration
WDTx_TRIG_EDGE_SEL, Bits[1:0]
Trigger Edge
00
Both edges
01 (Default)
Rising edge
10
Falling edge
11
Both edge
TIME
CLOSE
WINDOW
OPEN
WINDOW
tWDx_FAST
VWDIx
tWDx_SLOW
Figure 83. Rising Edge Signal Triggers WDx
VWDIx
TIME
CLOSE
WINDOW
OPEN
WINDOW
tWDx_FAST
tWDx_SLOW
Figure 84. Falling Edge Signal Triggers WDx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com