Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 32Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 33Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 34Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 36 of 128
LDO REGULATORS
The ADP5140 integrates seven LDO regulators with low
dropout voltages and low noise performance. Each LDO
regulator has a different input voltage range, different output
voltage options, and different output load capabilities.
Each LDO regulator integrates a soft start circuit to reduce the
inrush current during power-up.
LDO1 (Regulator 5)
LDO1 is a 300 mA LDO regulator with an input voltage range
from 1.7 V to 5.5 V. The output voltage is programmable
through the SPI with eight options available: 1.755 V, 1.8 V,
1.845 V, 1.89 V, 1.935 V, 1.98 V, 2.025 V, and 2.070 V. The
default output voltage for this regulator is 1.8 V.
LDO1 integrates input undervoltage and overvoltage detection
circuits on the corresponding input power supply (VPVIN56). When
undervoltage or overvoltage on the input is detected, it is
reported in the OTHER1_STATUS register and
OTHER1_LATCH register.
LDO2 (Regulator 6)
LDO2 is a high current LDO regulator that provides an output
load current of up to 2.3 A. The input voltage range is from 1.7
V to 5.5 V and the output voltage is programmable through the
SPI with eight options available: 1.755 V, 1.8 V, 1.845 V, 1.89 V,
1.935 V, 1.98 V, 2.025 V, and 2.070 V. The default output
voltage for this regulator is 1.8 V.
LDO2 integrates input undervoltage and overvoltage detection
circuits on the corresponding input power supply (VPVIN56). When
undervoltage or overvoltage on the input is detected, it is
reported in the OTHER1_STATUS register and
OTHER1_LATCH register.
LDO3 (Regulator 7)
LDO3 is a high current LDO regulator that provides an output
load current of up to 1.4 A. The input voltage range is from
0.9 V to 1.98 V and the output voltage is programmable
through the SPI with eight options available: 0.864 V, 0.9 V,
0.936 V, 0.972 V, 1.008 V, 1.044 V, 1.08 V, and 1.116 V. The
default output voltage for this regulator is 0.9 V.
LDO3 integrates input undervoltage and overvoltage detection
circuits on the corresponding input power supply (VPVIN78). When
undervoltage or overvoltage on the input is detected, it is
reported in the OTHER1_STATUS register and
OTHER1_LATCH register.
LDO4 (Regulator 8)
LDO4 is a high current LDO regulator that provides an output
load current of up to 1.2 A. The input voltage range is from
0.9 V to 1.98 V and the output voltage is programmable
through the SPI with eight options available: 0.864 V, 0.9 V,
0.936 V, 0.972 V, 1.008 V, 1.044 V, 1.08 V, and 1.116 V. The
default output voltage for this regulator is 0.9 V.
LDO4 integrates input undervoltage and overvoltage detection
circuits on the corresponding input power supply (VPVIN78). When
undervoltage or overvoltage on the input is detected, it is
reported in the OTHER1_STATUS register and
OTHER1_LATCH register.
LDO5 (Regulator 9)
LDO5 is a low noise LDO regulator that provides an output
load current of up to 500 mA. The input voltage range is from
0.9 V to 1.98 V and the output voltage is programmable
through the SPI with eight options available: 0.864 V, 0.9 V,
0.936 V, 0.972 V, 1.008 V, 1.044 V, 1.08 V, and 1.116 V. The
default output voltage for this regulator is 0.9 V.
LDO5 integrates input undervoltage and overvoltage detection
circuits on the corresponding input power supply (VPVIN9). When
undervoltage or overvoltage on the input is detected, it is
reported in the OTHER1_STATUS register and
OTHER1_LATCH register.
LDO6 (Regulator 10)
LDO6 is a 50 mA LDO regulator with an input voltage range
from 2.7 V to 5.5 V. The output voltage is programmable through
the SPI with four options available: 3.2 V, 3.3 V, 3.35 V, and 3.4 V.
The default output voltage for this regulator is 3.3 V.
LDO7 (Regulator 11)
LDO7 is a 400 mA LDO regulator with an input voltage range
from 2.7 V to 5.5 V. The output voltage is programmable
through the SPI with four options available: 3.2 V, 3.3 V, 3.35 V,
and 3.4 V. The default output voltage for this regulator is 3.3 V.
LDO Regulator Current Limits
Each LDO regulator has internal current-limit protection.
When the output current exceeds the current-limit threshold,
the output current maintains as a constant current while the
output voltage is reduced, which can cause an undervoltage event.
Output Undervoltage and Overvoltage Protection for
LDO Regulators
A window comparator monitors the output voltage of each LDO
regulator through each regulator feedback pin or output pin. If
the output voltage is outside of the warning or fault window, an
output voltage warning or fault event is detected. The window
comparator uses a dedicated reference for safety consideration.
The warning or fault threshold is programmable through the
SPI. Refer to the Feedback Voltage Monitor section for more
information.
LDO Regulator Local Temperature Warnings
Each LDO regulator has a local temperature monitor that provides
thermal warning protection. If the local temperature of the
LDO regulator is higher than the overtemperature threshold,
an overtemperature warning event occurs. This warning event
is reported in the OT_STATUS register and OT_LATCH
register. The LDO regulator still functions when an
overtemperature warning occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com