Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 24Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 31Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 28 of 128
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT7 = 1mA
IOUT7 = 0.5A
IOUT7 = 1.4A
Figure 48. LDO3 Output Noise Density vs. Frequency, VPVIN78 = 1.2 V, VOUT7 = 0.9 V
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT9 = 1mA
IOUT9 = 100mA
IOUT9 = 1.4mA
Figure 49. LDO5 Output Noise Density vs. Frequency, VPVIN9 = 1.2 V, VOUT9 = 0.9 V
10
1
0.1
0.010
0.001
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT11 = 1mA
IOUT11 = 260mA
IOUT11 = 400mA
Figure 50. LDO7 Output Noise Density vs. Frequency, VPVIN1011 = 3.7 V,
VOUT11 = 3.3 V
10
1
0.1
0.01
0.001
0.0001
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT8 = 1mA
IOUT8 = 0.6A
IOUT8 = 1.2A
Figure 51. LDO4 Output Noise Density vs. Frequency, VPVIN78 = 1.2 V, VOUT8 = 0.9 V
10
1
0.1
0.01
0.001
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
IOUT10 = 1mA
IOUT10 = 25mA
IOUT10 = 50mA
Figure 52. LDO6 Output Noise Density vs. Frequency, VPVIN1011 = 3.7 V,
VOUT10 = 3.3 V
CH1 3.00V
CH1 3.00V CH2 3.00V
CH3 3.00V CH4 3.00V
2.50GS/s
100k points
SW1
SW2
SW3
400ns
CH1
2.64V
T 50.01%
1
3
4
2
T
SW4
Figure 53. Phase Shift



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com