Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 34 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 34 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 31Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 32Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 33Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 34Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 34 of 128
Table 16. SPI Programmable Options for VOUT1
BUCK1_VOUTSET, Bits[5:0]
VOUT1 (V)
000000
0.8
000001
0.81
000010
0.82
000011
0.83
000100
0.84
000101
0.85
000110
0.86
000111
0.87
001000
0.88
001001
0.89
001010
0.9
001011
0.91
001100
0.92
001101
0.93
001110
0.94
001111
0.95
010000
0.96
010001
0.97
010010
0.98
010011
0.99
010100
1
010101
1.01
010110
1.02
010111
1.03
011000
1.04
011001
1.05
011010
1.06
011011
1.07
011100
1.08
011101
1.09
011110
1.1
011111
1.11
100000
1.12
100001
1.13
100010
1.14
100011
1.15
100100
1.16
100101
1.17
100110
1.18
100111
1.19
101000
1.2
101001
1.21
101010
1.22
101011
1.23
101100
1.24
101101
1.25
101110
1.26
101111
1.27
110000
1.28
110001
1.29
110010
1.3
110011
1.31
110100
1.32
110101
1.33
110110
1.34
110111
1.35
111000
1.36
111001
1.37
111010
1.38
111011
1.39
111100
1.4
Table 17. SPI Programmable Options for VOUT4
BUCK4_VOUTSET, Bits[3:0]
VOUT4 (V)
0000
0.55
0001
0.60
0010
0.65
0011
0.70
0100
0.75
0101
0.80
0110
0.85
0111
0.90
1000
0.95
1001
1.00
1010
1.05
1011
1.10
1100
1.15
1101
1.20
VOUT2 is programmed by an external resistor divider, as shown
in Figure 77.
VOUT2
RTOP2
RBOT2
FB2
GND
Figure 77. Output Voltage Setting for BUCK2
Use the following equation to set VOUT2:
VOUT2 = 0.8 ×(1 + (RTOP2/RBOT2))
where:
RTOP2 is the top resistor of the resistor divider of BUCK2.
RBOT2 is the bottom resistor of the resistor divider of BUCK2.
Ensure that the RBOT2 resistor value is less than 20 kΩ.
VOUT3 is programmed by an external resistor divider, as shown
in Figure 78.
VOUT3
RTOP3
RBOT3
FB3
GND
Figure 78. Output Voltage Setting for BUCK3
Use the following equation to set VOUT3:
VOUT3 = 0.8 ×(1 + (RTOP3/RBOT3))
where:
RTOP3 is the top resistor of the resistor divider of BUCK3.
RBOT3 is the bottom resistor of the resistor divider of BUCK3.
Ensure that the RBOT3 resistor value is less than 20 kΩ.
Output DVS Function
BUCK1 and BUCK4 support the dynamic voltage scaling
(DVS) function, as shown in Figure 79. The output voltage can
be programmed in real time and the interval during the transition
is programmable through the SPI, as shown in Table 18. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com