Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 31Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 32Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 33Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 34Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 33 of 128
THEORY OF OPERATION
The ADP5140 is a power management IC that integrates four
buck regulators, one boost regulator and seven low noise LDO
regulators in a 56-terminal LGA. The device can operate with
an input voltage from 2.7 V to 5.5 V and can regulate multiple
output voltages in a wide range from 0.55 V to 5 V. The
ADP5140 provides an input UVLO feature and monitors the
output voltage of each power rail. The device integrates power-
up and power-down sequence circuitry, watchdog inputs, and
RESET, FAULT, and STATUS outputs to enhance system
reliability. The ADP5140 provides an SPI to achieve fast
communication with the processor.
SYNCHRONOUS BUCK REGULATORS
The ADP5140 integrates four high performance, synchronous
buck regulators, BUCK1, BUCK2, BUCK3, and BUCK4. Both
high-side and low-side metal oxide silicon field effect transistors
(MOSFETs) of each buck regulator are integrated into the
device. The buck regulators operate with an input voltage from
2.7 V to 5.5 V. BUCK1 and BUCK2 provide an output current of
up to 2.5 A, and BUCK3 and BUCK4 provide an output current of
up to 3 A.
Control Scheme
The buck regulators in the ADP5140 use a fixed frequency,
peak current mode, pulse-width modulation (PWM) control
architecture. At the start of each oscillator cycle, the high-side
MOSFET turns on and places a positive voltage across the
inductor. The inductor current increases until the current sense
signal crosses the peak inductor current threshold that turns off
the high-side MOSFET and turns on the low-side MOSFET,
which places a negative voltage across the inductor and causes
the inductor current to reduce. The low-side MOSFET stays on
for the remainder of the cycle until the next cycle starts.
Oscillator and Phase Shift
The buck regulators in the ADP5140 run in a 2.2 MHz fixed
frequency. BUCK1 to BUCK4 run at an even phase shift, as
shown in Figure 76, which reduces the input ripple current and
the input voltage spikes to help lower the system EMI.
SW1
SW3
SW2
SW4
INTERNAL
CLOCK
90°
90°
90°
90°
Figure 76. Even Phase Shift Between Buck Regulators
Output Voltage Setting
The BUCK1 output voltage (VOUT1) is either programmed with
an external resistor or programmed through the SPI. Connect a
resistor (RSET1) between the VSET1 pin and ground to set VOUT1
as shown in Table 15.
Table 15. RSET1 vs. VOUT1
RSET1 (kΩ)
VOUT1 (V)
5.62
0.8
7.87
0.85
11
0.9
15.4
0.95
21.5
1.0
30.1
1.05
42.2
1.1
59
1.15
84.5
1.2
115
1.25
162
1.27
232
1.3
316
1.35
475
1.4
Note that RSET1 must have ±1% tolerance with a 100 ppm
temperature coefficient.
When BUCK1 receives an SPI command to change the output
voltage, the SPI command takes over control of the output
voltage setting. The BUCK4 output voltage (VOUT4) is
programmed through SPI with 0.65 V as the default. Table 16
and Table 17 show the SPI programmable options for VOUT1
and VOUT4, respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com