Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 46 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 46Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 47Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 48Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 49Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 46 of 128
POWER-UP AND POWER-DOWN SEQUENCES
All regulators in the ADP5140 integrate a soft start circuit to
reduce the inrush current on the input voltage during startup.
Power-Up Sequence
A fixed power-up sequence, as shown in Figure 89, is applied to
all regulators when enabled. There is a typical 3 ms (tD) delay
for the ADP5140 initial and self test time, and tDR1 or tDR2 delays
between each rail.
Regulator 10 and Regulator 11 power up at the same time.
Regulator 12 does not power up until both Regulator 10 and
Regulator 11 are above the fault low threshold followed by thee
tDR2 delay time.
The SEQ pin controls the power-up sequence. When the
Regulator 1 powers up, the other power rails on the ADP5140
do not ramp up until the SEQ pin goes high.
Regulator 3 does not power up until Regulator 1 is above the
fault low threshold followed by the tDR1 delay time, and the
SEQ pin is high.
The RESET pin does not pull high until all of the following
conditions are met and are followed by a tHOLD delay:
•
Regulator 1 is in regulation.
•
Regulator 2 is in regulation.
•
Regulator 5 is in regulation.
•
Regulation 10 is in regulation.
•
Regulation 11 is in regulation.
•
Regulation 12 is in regulation.
•
SEQ is high.
•
No other system fault event is mapped on the RESET pin
occurs.
The FAULT and STATUS pins keep low until all power rails are
above the fault low threshold and the RESET pin is released.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com