Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 39 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 39 of 128
VMx FAULT HIGH THRESHOLD
VMx WARNING HIGH THRESHOLD
VMx WARNING LOW THRESHOLD
VMx FAULT LOW THRESHOLD
VMx TYPICAL VALUE
HYSTERESIS
HYSTERESIS
HYSTERESIS
HYSTERESIS
NO WARNING
NO WARNING
WARNING
WARNING
WARNING
FAULT
NO FAULT
NO FAULT
FAULT
FAULT
FAULT
WINDOW
WARNING
WINDOW
WARNING
WINDOW FAULT
WINDOW
VMx RISING
VMx FALLING
Figure 82. VMx Voltage Window Comparator
The warning and fault threshold windows are programmable
through the VMx_WARN_WINDOW bits and VMx_FAULT_
WINDOW bits in the WARN_WINDOW and FAULT_
WINDOW SPI registers. The programmable range is from 4%
to 8%, as shown in Table 24 and Table 25, with a fixed hysteresis.
These threshold windows are referenced to 600 mV. See Table 1
for the detailed specification.
Table 24. VMx Voltage Monitor Warning Window
VMx_WARN_WINDOW, Bits[1:0]
Warning Window (%)
00
4
01 (Default)
5
10
6
11
8
Table 25. VMx Voltage Monitor Fault Window
VMx_FAULT_WINDOW, Bits[1:0]
Fault Window (%)
00
4
01
5
10
6
11 (Default)
8
The blank time of the VMx pin is programmable through the
VMx_BLANK_TIME bits in the VOLTAGE_BLANK_TIME0
SPI register. The programmable range is from 16 µs to 352 µs
with 48 µs as the default, as shown in Table 26.
Table 26. VMx Voltage Monitor Blank Time
VM_BLANK_TIME, Bits[2:0]
Blank Time (μs)
0000
16
0001
32
0010 (Default)
48
0011
64
0100
80
0101
96
0110
112
0111
128
1000
144
1001
160
1010
176
1011
192
1100
208
1101
240
1110
288
1111
352
MODE PIN SETTING
The ADP5140 has a MODE pin to set different functions with
different resistances between the MODE pin and ground. Three
functions are available: debug mode setting, device index
setting, and VIO selecting. Table 27 shows the relationship of the
resistance between the MODE pin and ground (RMODE) and the
function settings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com