Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 31Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 32Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 33Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 34Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 35Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 36Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 35 of 128
output voltage of the DVS ranges from 0.8 V to 1.4 V for
BUCK1 with a fixed 10 mV step and from 0.55 V to 1.20 V for
BUCK4 with a fixed 12.5 mV step.
NEW CODE
ORIGINAL CODE
INTERVAL
STEP
ORIGINAL VOUT
NEW VOUT
TRANSITION PERIOD
Figure 79. Dynamic Voltage Scaling
Table 18. DVS Interval Options
BUCK1_INTERVAL,
Bits[1:0]
BUCK4_INTERVAL,
Bits[1:0]
Interval Time (µs)
00 (Default)
00 (default)
10
01
01
20
10
10
30
11
11
40
Buck Regulator Current Limit
The buck regulators have a peak current-limit protection
circuit to prevent current runaway. When the peak inductor
current reaches the high-side MOSFET current-limit threshold,
the high-side MOSFET turns off and the low-side MOSFET
turns on. When the low-side MOSFET turns on, the internal
circuit continues monitoring the current flowing through the
low-side MOSFET. At the end of each clock cycle, if the low-
side MOSFET source current is greater than the low-side
source current-limit threshold, the high-side MOSFET remains
off and the low-side MOSFET remains on for the next cycle.
The high-side MOSFET turns on again when the low-side
source current is below the low-side source current-limit
threshold at the start of a cycle.
The current limitation induces a duty cycle reduction, leads to
output voltage drops, and can cause an undervoltage condition.
The current limitation does not turn off the buck regulator.
The low-side MOSFET in the buck regulator can sink a current
from the load. If the low-side sink current limit is exceeded,
both the low-side and high-side MOSFETs turn off until the
next cycle starts.
Undervoltage and Overvoltage Protection for Buck
Regulator Output Voltages
A window comparator monitors the VOUTx of each buck regulator
through each regulator feedback pin (FBx). If the voltage on the
feedback pin is outside of the warning or fault window, an output
voltage warning or fault event is detected. The window
comparator uses a dedicated reference for safety consideration.
The warning or fault threshold of the undervoltage protection and
overvoltage protection is programmable through the SPI. Refer
to the Feedback Voltage Monitor section for more information.
Buck Regulator Local Temperature Warning
Each buck regulator has a local temperature monitor that
provides thermal warning protection. If the local temperature
of the buck regulator is higher than the overtemperature
threshold, an overtemperature warning event occurs. This
warning event is reported in the OT_STATUS register and
OT_LATCH register. The buck regulator still functions when
an overtemperature warning occurs.
SYNCHRONOUS BOOST REGULATOR
The boost regulator integrates both the main FET and the
synchronous FET and runs at a fixed 2.2 MHz switching
frequency in phase with BUCK1. The output voltage of the
boost regulator is fixed at 5 V and provides a load current of up
to 400 mA. The boost regulator has the true shutdown feature
that allows the input voltage and the output voltage of the boost
regulator to be isolated when the boost regulator is disabled.
Boost Regulator Current Limit
The boost regulator integrates the cycle-by-cycle current-limit
circuit to prevent current runaway. When the inductor peak
current exceeds the current-limit threshold of the main FET,
the main FET turns off and the synchronous FET turns on. The
synchronous FET also has negative current protection. If the
negative current flowing through the synchronous FET exceeds
the negative current-limit threshold, both the main FET and
the synchronous FET turn off until the next cycle.
The current-limit feature induces a duty cycle reduction and
leads to output voltage drops that can cause an undervoltage
condition. The current-limit feature does not turn the boost
regulator off.
Undervoltage and Overvoltage Protection for Boost
Regulator Output Voltage
A window comparator monitors the output voltage of the boost
regulator through the FB12 pin. If the voltage on the FB12 pin
is outside of the warning or fault window, an output voltage
warning or fault event is detected. The window comparator
uses a dedicated reference for safety consideration.
The warning or fault threshold is programmable through the
SPI. Refer to the Feedback Voltage Monitor section for more
information.
Boost Regulator Local Temperature Warning
A local temperature monitor is integrated into the boost
regulator to provide thermal warning protection. If the local
temperature of the boost regulator is higher than the
overtemperature threshold, an overtemperature warning event
occurs. This warning event is reported in the OT_STATUS
register and OT_LATCH register. The boost regulator still
functions when an overtemperature warning occurs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com