Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 45 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 46Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 47Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 48Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 45 of 128
When the RESET pin is asserted, the pin is pulled low for a
reset period time (tRP) and then released. When the RESET pin
is asserted, both the FAULT pin and STATUS pin are pulled low.
An external low voltage level with a duration time longer than
the reset external timeout period (tRESET_EXT) on the RESET pin
sets an external pin fail event in the ADP5140. This fail event is
reflected on the RESET, STATUS, or FAULT pin, depending
on the SPI register settings.
If a reset external pin fail event occurs and the RESET_EXT_
FAIL_RST_MASK bit in the OTHER_RST_MASK register is
set to 1, the ADP5140 initiates a reset sequence. All power rails
restart with the programmed power-up sequence.
The reset external timeout period is programmable through the
SPI FAIL_SAFE_PIN_TIMEOUT register from 5 µs to 160 µs
with a 5 µs step.
During power-up, the RESET pin does not pull high until all of
the following conditions are met and are followed by a tHOLD
delay, as shown in Figure 89:
•
Regulator 1 (BUCK1) is in regulation.
•
Regulator 2 (BUCK2) is in regulation.
•
Regulator 5 (LDO1) is in regulation.
•
Regulator 10 (LDO6) is in regulation.
•
Regulator 11 (LDO7) is in regulation.
•
Regulator 12 (boost) is in regulation.
•
SEQ is high.
•
No other system fault event that is mapped on the RESET
pin occurs.
STATUS Pin
The STATUS pin is an open-drain, bidirectional pin. The
STATUS pin is asserted (pull low) as long as the latch bit is set
to 1 in the appropriate latch registers, and the corresponding
bits in the appropriate status pin mask registers are set to 1.
The latch registers include the following:
•
UV_LATCH
•
OV_LATCH
•
WARN_LATCH
•
OT_LATCH
•
OTHER_LATCH
•
OTHER1_LATCH
Status pin mask registers include the following:
•
UV_INT_MASK
•
OV_INT_MASK
•
WARN_INT_MASK
•
OT_INT_MASK
•
OTHER_INT_MASK
•
OTHER1_INT_MASK
An external low voltage level with a duration time longer than
the status external time out period (tSTATUS_EXT) on the STATUS
pin sets an external pin fail event in the ADP5140. This fail
event is reflected on the RESET, STATUS, or FAULT pin,
depending on the SPI register settings.
The status external timeout period is programmable through
the SPI FAIL_SAFE_PIN_TIMEOUT register from 5 µs to
160 µs with a 5 µs step. When the RESET pin is asserted, the
STATUS pin is pulled low.
The STATUS pin is also controllable through the SPI directly
through the SPI_PIN_CTRL register while ignoring the latch
and mask register settings. When the STATUS_SPI_CTRL_EN
bit is set to 1, the STATUS pin is controlled by the STATUS_
SPI_CTRL_DATA bit value.
FAULT Pin
The FAULT pin is an open-drain, bidirectional pin. The
FAULT pin is asserted (pull low) as long as the latch bit is set to
1 in the latch registers, and the corresponding bits in the
appropriate fault pin mask registers are set to 1.
See the STATUS Pin section for the list of latch registers used.
The fault pin mask registers include:
•
UV_FAULT_MASK
•
OV_FAULT_MASK
•
WARN_FAULT_MASK
•
OT_FAULT_MASK
•
OTHER_FAULT_MASK
•
OTHER1_FAULT_MASK
An external low voltage level with a duration time longer than
the fault external timeout period (tFAULT_EXT) on the FAULT pin
sets an external pin fail event in the ADP5140. This fail event is
reflected on the RESET, STATUS, or FAULT pin, depending
on the SPI register settings.
The fault external time out period is programmable through
SPI FAIL_SAFE_PIN_TIMEOUT register from 5 µs to 160 µs
with a 5 µs step. When the RESET pin is asserted, the FAULT
pin is pulled low.
The FAULT pin is also controllable through the SPI directly
through the SPI_PIN_CTRL register while ignoring the latch
and mask register settings. When the FAULT_SPI_CTRL_EN
bit is set to 1, the FAULT pin is controlled by the FAULT_
SPI_CTRL_DATA bit value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com