Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 41 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 41 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 37Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 38Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 39Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 41 of 128
VWDIx
TIME
CLOSE
WINDOW
OPEN
WINDOW
CLOSE
WINDOW
OPEN
WINDOW
tWDx_FAST
tWDx_SLOW
tWDx_FAST
tWDx_SLOW
Figure 85. Both Rising and Falling Edge Signals Trigger WDx
(VWDIx is the Voltage on the WDx Pin)
When the window watchdog is enabled, the watchdog monitors
the trigger edge on the WDIx pin. The window watchdog timer
resets at the trigger edge or when the window watchdog timer
expires if no feeding occurs within the slow window time. The
trigger edge of the WDIx signal must fit into the open window
between the watchdog fast window (tWDx_FAST) and the watchdog
slow window (tWDx_SLOW). If the trigger edge of the WDIx signal
appears outside of the open window, a bad watchdog feed event
occurs, and the watchdog fault counter (the WDTx_FAULT_
COUNTER bits in the WDTx_STATUS register) increments. If
the trigger edge of the WDIx signal appears within the open
window, a good watchdog feed event occurs and the watchdog
fault counter decrements. If the watchdog fault counter value is
equal to or higher than the watchdog fault threshold value (the
WDTx_FAULT_THRESHOLD bits in the WDTx_CTRL
register), a window watchdog fault event occurs, which sets the
relevant watchdog fail bit in the OTHER_STATUS register and
OTHER_LATCH register.
Window Watchdog Fault Counter
The window watchdog fault counter has overflow saturation
and underflow saturation. When the window watchdog fault
counter is 7, the counter remains at 7 if a bad watchdog feed
event occurs. When the window watchdog fault counter is 0,
the counter remains at 0 if a good watchdog feed event occurs.
The window watchdog fault counter resets when the AVIN
voltage goes below the UVLO threshold or when the watchdog
is re-enabled from the disable status.
Window Watchdog Window Setting
tWDx_FAST and tWDx_SLOW are programmable through the SPI and
the equations to calculate the values are as follows:
tWDx_FAST = WDTx_FAST_WINDOW × Time Tick
tWDx_SLOW = WDTx_SLOW_WINDOW × Time Tick
where:
WDTx_FAST_WINDOW is the value of the
WDTx_FAST_WINDOW bits in the WDTx_WINDOW
register in decimal form, and the default value is 3750.
WDTx_SLOW_WINDOW is the value of the
WDTx_SLOW_WINDOW bits in the WDTx_WINDOW
register in decimal form, and the default value is 15,000.
Time Tick is determined by the internal 2 MHz clock and the
scale factor, as follows:
Time Tick = SCALE_FACTOR/2 MHz
where:
SCALE_FACTOR depends on the WDTx_PRE_SCALE bits
setting in the WDTx_CTRL register. The default value is 16, as
shown in Table 29.
Table 29. Window Watchdog Scale Factor and Time Tick
WDTx_PRE_SCALE, Bits[1:0]
SCALE_FACTOR
Time Tick (µs)
00
1
0.5
01 (Default)
16
8
10
256
128
11
4096
2048
The default values of tWDx_FAST and tWDx_SLOW are 30 ms and
120 ms, respectively.
The window watchdog needs 2× the time ticks duration time to
reset. Set tWDx_FAST and tWDx_SLOW to no less than 40× the time
ticks to keep the accuracy of the fast window and slow window
at <5%.
Window Watchdog SPI Feeding
Besides using the WDIx signal to feed the window watchdog,
the user can also write an SPI command to the WDTx_SPI_
FEED bits in the WDTx_CTRL register to reset the watchdog
timer. Write 0x51 to the WDT0_SPI_FEED bits to reset the
WD0 timer. Write 0x52 to the WDT1_SPI_FEED bits to reset
the WD1 timer.
WD0 and WD1 are disabled by default and can be enabled
through the SPI. The WDTx_EN_CTRL bit in the WDTx_
CTRL register controls the window watchdogs. Set the WDTx_
EN_CTRL bit to enable the window watchdog and allow the
internal watchdog timer to start counting immediately. Clear
the WDTx_EN_CTRL bit to disable the window watchdog.
Window Watchdog Synchronization
The first feed signal is used for synchronization. As long as the
first feed signal is within the slow window, there is no increment
or decrement on the window watchdog fault counter, and the
watchdog timer resets. If the first feed signal does not come within
the slow window, the watchdog timer expires, the watchdog timer
resets, and the watchdog fault counter increments. The window
watchdog still waits for the first feed signal and treats the first
feed signal as described in this section.
QA Watchdog
The ADP5140 integrates a QA watchdog fed through the SPI.
The QA watchdog can detect software faults of the processor.
The QA_WD_EN_CTRL bit in the QA_WD_CTRL register
controls the QA watchdog. Set the QA_WD_EN_CTRL bit to
enable the QA watchdog, or clear the QA_WD_EN_CTRL bit
to disable the QA watchdog. The default value of the QA_WD_
EN_CTRL bit is 1 (enabled).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com