Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 40Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 41Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 42Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 43Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 46Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 47Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 44 of 128
The watchdog configuration related registers are locked by
default. To unlock these registers, write 1 to the WDTx_LOCK
bit or the QA_WD_LOCK bit in the WDTx_CTRL register or
QA_WD_CTRL register, respectively.
To change the watchdog configuration safely, take the
following steps:
1. Wait until the open window arrives.
2. Feed the watchdog.
3. Unlock the watchdog configuration registers and change
the register values.
4. Wait until the open window arrives.
5. Feed the watchdog so that the new parameters take effect.
PULSE WIDTH MONITOR
The ADP5140 integrates the pulse width monitor circuit to
monitor the pulse width of the signal on the WDIx pins. The
pulse width monitor circuit is disabled by default and can be
enabled through the SPI. The WDIx_PULSE_EN bit in the
WDIx_PULSE_CTRL register controls the pulse width monitor
circuit. Set the WDIx_PULSE_EN bit to enable the pulse width
monitor, and clear the WDIx_PULSE_EN bit to disable the
pulse width monitor.
tWDIx_
PULSE_FAST
tWDIx_PULSE_SLOW
TIME
VWDIx
CLOSE
WINDOW
OPEN
WINDOW
Figure 88. Positive Pulse Width Monitoring
When the pulse width monitor function is enabled, a rising
edge on the WDIx pin resets the pulse width timer and starts
counting until there is a falling edge on the WDIx pin.
The two possible cases for the pulse width monitor fault are as
follows:
•
If the pulse width is smaller than the fast pulse width
(tWDIx_PULSE_FAST) and the WDIx_PULSE_LOWER_MASK bit
in the WDIx_PULSE_CTRL register is 0, a pulse width
fault event occurs.
•
If the pulse width is larger than the slow pulse width
(tWDIx_PULSE_SLOW) and the WDIx_PULSE_UPPER_MASK
bit in the WDIx_PULSE_CTRL register is 0, a pulse width
fault event occurs.
When the pulse width fault event occurs, the relevant bits in the
OTHER_STATUS register and the OTHER_LATCH register
are set.
tWDIx_PULSE_FAST and tWDIx_PULSE_SLOW are programmable through the
SPI, and the equations to calculate the values are as follows:
tWDIx_PULSE_FAST = WDIx_PULSE_LOW × (1 ÷ 2 MHz)
tWDIx_PULSE_SLOW = WDIx_PULSE_HIGH × (1 ÷ 2 MHz)
where:
WDIx_PULSE_LOW is the WDIx_PULSE_LOW register value
in decimal format, and the default value is 850.
WDIx_PULSE_HIGH is the WDIx_PULSE_HIGH register
value in decimal format, and the default value is 1150.
The default values of tWDIx_PULSE_FAST and tWDIx_PULSE_SLOW are
425 µs and 575 µs, respectively.
WDIx PIN AS EXTERNAL EVENTS DETECTION
The WDIx pin can be configured as an external event detection
pin. When configured for the external event detection function,
a low voltage level with a duration time longer than 8 µs on the
WDIx pin sets a latch event in the ADP5140. This latch event is
reflected on the RESET, STATUS, or FAULT pin, depending
on the SPI settings.
An internal 1 MΩ pull-down resistor keeps the voltage on the
WDIx pin below the WDIx low voltage threshold (see Table 1)
when the WDIx pin is left floating.
TSD
Besides the local temperature monitor of each regulator, the
ADP5140 also monitors the central die temperature. If the
central die temperature exceeds the TSD threshold (TSD), the
ADP5140 enters shutdown mode. TSD_HY is included so that the
ADP5140 does not recover from shutdown mode until the
central die temperature drops below TSD – TSD_HY. Upon
recovery, a POR initiates.
RESET, STATUS, AND FAULT FAIL-SAFE PINS
RESET Pin
The RESET pin is an open-drain, bidirectional pin. The RESET pin
is asserted when an event listed in the status registers occurs, and
the corresponding bit in the appropriate mask registers is set to 1.
The status registers include the following:
•
UV_STATUS
•
OV_STATUS
•
WARN_STATUS
•
OT_STATUS
•
OTHER_STATUS
•
OTHER1_STATUS
The mask registers include the following:
•
UV_RST_MASK
•
OV_RST_MASK
•
WARN_RST_MASK
•
OT_RST_MASK
•
OTHER_RST_MASK
•
OTHER1_RST_MASK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com