Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 64 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 64 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 60Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 61Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 62Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 63Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 64Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 65Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 66Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 67Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 68Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 64 of 128
Table 39. SPI_CNT, Register Address: 0x0014
Bits
Bit Name
Description
Reset
Access
[31:16]
WRITE_CNT
SPI Write Counter.
0x0
R
[15:0]
READ_CNT
SPI Read Counter.
0x0
R
Table 40. PMIC_PSWD, Register Address: 0x001C
Bits
Bit Name
Description
Default
Access
[31:0]
PMIC_PSWD
SPI register access is valid only after writing the correct password. However, IF_CFGA, CLR_SPI_CNT,
CHIP_INFO1, CHIP_INFO2, SPI_CRC_PARAM, SPI_CNT, PMIC_PSWD, QA_WD_ANSWER,
QA_WD_TOKEN, and SCRATCH_PAD are not protected by this password.
0x0
R/W
0x5F6A8C3D: unlock the register access.
Other settings: lock the register access.
Table 41. QA_WD_ANSWER, Register Address: 0x0020
Bits
Bit Name
Description
Reset
Access
[31:0]
QA_WD_ANSWER
Write the correct answer to this register to feed the QA watchdog.
0x0
R/W
Table 42. QA_WD_TOKEN, Register Address: 0x0024
Bits
Bit Name
Description
Reset
Access
[31:4]
RESERVED
Reserved.
0x0
R
[3:0]
QA_WD_TOKEN
These bits are the token to generate the answer for the QA watchdog.
0x0
R
Table 43. SCRATCH_PAD, Register Address: 0x002C
Bits
Bit Name
Description
Reset
Access
[31:0]
SCRATCH_PAD
Only use this register for read and write register tests.
0x0
R/W
Table 44. FAIL_SAFE_PIN_TIMEOUT, Register Address: 0x2000
Bits
Bit Name
Description
Reset
Access
[31:15]
RESERVED
Reserved.
0x0
R
[14:10]
STATUS_TIMEOUT[4:0]
Set the Timeout for the STATUS Pin. The range is from 5 µs to 160 µs with 5 µs step.
Timeout (µs) = 5 µs + STATUS_TIMEOUT[4:0] × 5 µs.
0x0
R/W
[9:5]
FAULT_TIMEOUT[4:0]
Set the Timeout for the FAULT Pin. The range is from 5 µs to 160 µs with 5 µs step.
Timeout (µs) = 5 µs + FAULT_TIMEOUT[4:0] × 5 µs.
0x0
R/W
[4:0]
RESET_TIMEOUT[4:0]
Set the Timeout for the RESET Pin. The range is from 5 µs to 160 µs with 5 µs step.
Timeout (µs) = 5 µs + RESET_TIMEOUT[4:0] × 5 µs.
0x0
R/W
Table 45. UV_STATUS, Register Address: 0x2004
Bits
Bit Name
Description
Reset
Access
[31:15]
RESERVED
Reserved.
0x0
R
14
VIO_UVLO_STATUS
Status for the Undervoltage on VIO.
0x0
R
0: no undervoltage fault on VIO.
1: undervoltage fault on VIO.
13
VM1_UV_STATUS
Status for the Undervoltage on VM1.
0x0
R
0: no undervoltage on VM1.
1: undervoltage on VM1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com