Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 69 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 69 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 65Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 66Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 67Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 68Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 69Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 70Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 71Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 72Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 69 of 128
Table 49. OTHER_STATUS, Register Address: 0x2014
Bits
Bit Name
Description
Reset
Access
[31:29]
RESERVED
Reserved.
0x0
R
28
WDI1_EXT_STATUS
Falling Edge Detection on WDI1 when WD1 is Disabled.
0x0
R
0: no falling edge detected on WDI1.
1: falling edge detected on WDI1.
27
WDI0_EXT_STATUS
Falling Edge Detection on WDI0 when WD0 is Disabled.
0x0
R
0: no falling edge detected on WDI0.
1: falling edge detected on WDI0.
26
VSET1_DETECTION_STATUS
VSET1 Pin Detection Status.
0x0
R
0: VSET1 pin detection pass.
1: VSET1 pin detection fail.
25
MODE_DETECTION_STATUS
MODE Pin Detection Status.
0x0
R
0: MODE pin detection pass.
1: MODE pin detection fail.
24
SYNC_STATUS
Synchronization Status when Configured as Sync In.
0x0
R
0: synchronization complete.
1: synchronization fail.
23
WDI1_PULSE_STATUS
Pulse Monitor Status on the WDI1 pin.
0x0
R
0: pulse on WDI1 is within range.
1: pulse on WDI1 is out of range.
22
WDI0_PULSE_STATUS
Pulse Monitor Status on the WDI0 Pin.
0x0
R
0: pulse on WDI0 is within range.
1: pulse on WDI0 is out of range.
21
CLKM_FAIL_STATUS
Clock Monitor Fail Status.
0x0
R
0: no clock drift occurs.
1: clock drift occurs.
20
SHR_CRC_STATUS
CRC Error Status in the Shadow Register.
0x0
R
0: no CRC error.
1: CRC error.
19
SHR_ECC_STATUS
ECC Two-Bit Error Status in Shadow Register.
0x0
R
0: no two bits ECC error.
1: two bits ECC error.
18
STATUS_EXT_STATUS
External Fail on the STATUS Pin.
0x0
R
0: no output pin fail on the STATUS pin.
1: output pin fail on the STATUS pin.
17
FAULT_EXT_STATUS
External Fail on the FAULT Pin.
0x0
R
0: no output pin fail on the FAULT pin.
1: output pin fail on the FAULT pin.
16
RESET_EXT_STATUS
External Fail on the RESET Pin.
0x0
R
0: no output pin fail on the RESET pin.
1: output pin fail on the RESET pin.
[15:9]
RESERVED
Reserved
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com