Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 48 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 48 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 44Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 46Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 47Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 48Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 49Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 50Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 51Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 128 page
background image
ADP5140
Data Sheet
Rev. 0 | Page 48 of 128
REGULATOR 2
REGULATOR 5
REGULATOR 11
REGULATOR 1
REGULATOR 12
VIN
REGULATOR 3
REGULATOR 8
REGULATOR 6
REGULATOR 7
REGULATOR 9
REGULATOR 4
REGULATOR 10
VMDW
SPI_CMD1
(POWER-DOWN COMMAND)
RESET
STATUS
FAULT
Figure 90. Power-Down Sequence
SPI
The ADP5140 uses the SPI to communicate with the processor.
The ADP5140 is always the slave and has a single input and
output mode.
SPI Mode 0 and Mode 3 are supported in the ADP5140. In
Mode 0 (clock polarity (CPOL) = clock phrase (CPHA) = 0),
SCK is low when the clock is inactive. In Mode 3 (CPOL =
CPHA = 1), SCK is high when the clock is inactive. In both
modes, bits are always sampled at the rising edge of the clock
and driven at the falling edge of the clock. The ADP5140
detects which mode is used automatically when receiving bit
streams from the host.
Through the SPI, the processor can configure the ADP5140
functionalities and set the device parameters. The processor can
also read back the status of the ADP5140. Refer to the SPI
Register Map section for detailed information on the ADP5140
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com