Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 25Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 26Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 27Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 28Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 29Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 30Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 31Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 32Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 29 of 128
CH1 3.00V
CH1 3.00V CH2 1.00V
CH3 1.00V CH4 2.00V
5.00MS/s
100k points
2.00ms
CH1
2.04V
T 20.01%
1
3
4
2
T
EN
VOUT2
VOUT5
VOUT10
Figure 54. Startup with Full Load (EN, VOUT2, VOUT5, and VOUT10)
CH1 500mV
CH1 500mV CH2 500mV
CH3 500mV CH4 1.00V
5.00MS/s
100k points
2.00ms
CH1
390mV
T 21.31%
1
3
4
2
T
VOUT1
VOUT3
VOUT8
VOUT6
Figure 55. Startup with Full Load (VOUT1, VOUT3, VOUT6, and VOUT8)
CH1 500mV
CH1 500mV CH2 2.00V
CH3 2.00V CH4 2.00V
5.00MS/s
100k points
2.00ms
CH1
550mV
T 24.21%
1
3
4
2
T
VOUT4
RESET
STATUS
FAULT
Figure 56. Startup with Full Load (VOUT4, RESET, STATUS, and FAULT
CH1 2.00V
CH1 2.00V CH2 2.00V
CH3 2.00V CH4 500mV
5.00MS/s
100k points
2.00ms
CH1
2.04V
T 20.81%
1
3
4
2
T
VOUT10
VOUT11
VOUT12
VOUT1
Figure 57. Startup with Full Load (VOUT1 and VOUT10 to VOUT12)
CH1 1.00V
CH1 1.00V CH2 500mV
CH3 500mV CH4 500mV
10.0MS/s
100k points
1.00ms
CH1
820mV
T 24.21%
1
3
4
2
T
VOUT6
VOUT7
VOUT9
VOUT4
Figure 58. Startup with Full Load (VOUT4, VOUT6, VOUT7, and VOUT9)
CH1 3.00V
CH1 3.00V CH2 1.00V
CH3 1.00V CH4 2.00V
5.00kS/s
100k points
2.00s
CH1
6.06V
1
3
4
2
T
EN
VOUT2
VOUT5
VOUT10
Figure 59. Shutdown with No Load (EN, VOUT2, VOUT5, and VOUT10)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com