Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP5140WACCZ-R7 Datasheet(PDF) 49 Page - Analog Devices

Part # ADP5140WACCZ-R7
Description  Power Management IC for Automotive Application
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP5140WACCZ-R7 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADP5140WACCZ-R7 Datasheet HTML 45Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 46Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 47Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 48Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 49Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 50Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 51Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 52Page - Analog Devices ADP5140WACCZ-R7 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 128 page
background image
Data Sheet
ADP5140
Rev. 0 | Page 49 of 128
Figure 91 shows the SPI bit frame that has two phases. The first
phase is the instruction phase that includes the command,
address, and reserve. The second phase is the data phase that
includes the data and cyclic redundancy check (CRC).
CMD
ADDR
RSV
DATA
INSTRUCTION PHASE
CRC
DATA PHASE
Figure 91. SPI Bit Frame
Command (CMD)
CMD is an 8-bit field that indicates the action that the host
wants to perform, as shown in Table 32.
Table 32. Command Byte Description
Bit(s)
Description
7
0: write operation
1: read operation
6
0: broadcast disable
1: broadcast enable
5
Reserved
4
0: little Endian
1: big Endian (default)
3
0: MSB first (default)
1: LSB first
[2:1]
Device index
0
0: write operation
1: read operation
Bit 7 and Bit 0 in this field indicate whether the host wants to
perform a write (00) or a read (11) operation, respectively. Note
that 01 and 10 are invalid values.
Bit 1 and Bit 2 in this field indicate the device index of the
ADP5140 to which the host wants to communicate. The device
index is determined by the MODE pin configuration in Table 27.
Bit 3 and Bit 4 in this field indicate the SPI communication
command mode of the ADP5140 with big Endian and MSB
first as the default. The command mode is programmable
through the SPI IF_CFGA register. The ADP5140 supports the
following four types of command modes:
•
Mode 0: little Endian and MSB first.
•
Mode 1: little Endian and LSB first.
•
Mode 2: big Endian and MSB first (default).
•
Mode 3: big Endian and LSB first.
Note that if the broadcast feature is enabled (Bit 6 in CMD is
set to 1), any device with the CS pin pulled low is under
communication despite the device index value (Bit 1 and Bit 2
in CMD).
Address (ADDR)
ADDR is a 2-byte field that contains the register address the
host wants to access. The ADDR field duration is 16 SCK cycles.
Refer to the SPI Register Map section for more information.
Reserved (RSV)
RSV is a 1-byte field reserved by the ADP5140. The RSV field
duration is eight SCK cycles.
Data (DATA)
DATA is a 4-byte field that contains the data to transfer. The
DATA field duration is 32 SCK cycles.
CRC
The ADP5140 uses the CRC field to detect data communication
errors in each SPI frame. The CRC field in the SPI frame is a
16-bit field containing the computed CRC value.
CRC is always sent MSB first and spans over the CMD, ADDR,
RSV, and DATA fields.
The default polynomial used to calculate CRC is x16 + x15 + x12 +
x7 + x6 + x4 + x3 + 1 (0x90D9), and the default initial seed value to
calculate CRC is 0x5555. Both the polynomial and initial seed
values can be configured in the SPI_CRC_PARAM register.
Figure 92 and Figure 93 show the time sequence of SPI write
and read operations.
C7:C0
R7:R0
A7:A0
A15:A8
D7:D0
D15:D8
D23:D16
D31:D24
CRC15:CRC0
MOSI
CS
COMMAND
ADDRESS
RESERVED
DATA
CRC
HIGH IMPEDANCE
MISO
Figure 92. SPI Write Operation
C7:C0
MOSI
CS
COMMAND
ADDRESS
RESERVED
DATA
CRC
MISO
R7:R0
A7:A0
A15:A8
D7:D0
D15:D8
D23:D16
D31:D24
CRC15:CRC0
Figure 93. SPI Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com